Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG5262X Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BG5262X
Description  Single Color phi 5 Flush Mount Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BG5262X Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BG5262X Datasheet HTML 6Page - List of Unclassifed Manufacturers BG5262X Datasheet HTML 7Page - List of Unclassifed Manufacturers BG5262X Datasheet HTML 8Page - List of Unclassifed Manufacturers BG5262X Datasheet HTML 9Page - List of Unclassifed Manufacturers BG5262X Datasheet HTML 10Page - List of Unclassifed Manufacturers BG5262X Datasheet HTML 11Page - List of Unclassifed Manufacturers BG5262X Datasheet HTML 12Page - List of Unclassifed Manufacturers BG5262X Datasheet HTML 13Page - List of Unclassifed Manufacturers BG5262X Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Page 10
2004.10.29
5362X Series
Ambient Temperature vs. Relative Intensity
Condition : I
F=20mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz
Ambient Temperature : Ta(℃)
Technical Data(PG)
Ambient Temperature vs. Forward Voltage
Ambient Temperature : Ta(℃)
Power Dissipation vs. Ambient Temperature
Ambient Temperature : Ta(℃)
Single Color φ5 Flush Mount Round Shape Type


Similar Part No. - BG5262X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BG5120K INFINEON-BG5120K Datasheet
562Kb / 10P
   Dual N-Channel MOSFET Tetrode
2009-10-01
BG5130R INFINEON-BG5130R Datasheet
203Kb / 10P
   DUAL - N-Channel MOSFET Tetrode
2006-04-13
logo
STANLEY ELECTRIC CO.,LT...
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
logo
List of Unclassifed Man...
BG5307S ETC2-BG5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
More results

Similar Description - BG5262X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
185Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com