Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM732V689A Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KM732V689A
Description  64Kx32 Synchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM732V689A Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KM732V689A Datasheet HTML 4Page - Samsung semiconductor KM732V689A Datasheet HTML 5Page - Samsung semiconductor KM732V689A Datasheet HTML 6Page - Samsung semiconductor KM732V689A Datasheet HTML 7Page - Samsung semiconductor KM732V689A Datasheet HTML 8Page - Samsung semiconductor KM732V689A Datasheet HTML 9Page - Samsung semiconductor KM732V689A Datasheet HTML 10Page - Samsung semiconductor KM732V689A Datasheet HTML 11Page - Samsung semiconductor KM732V689A Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PRELIMINARY
KM732V689A
64Kx32 Synchronous SRAM
- 8 -
Rev 1.0
December 1998
AC TIMING CHARACTERISTICS(TA=0 to 70
°C, VDD=3.3V+0.3V/-0.165V)
Notes
: 1. All address inputs must meet the specified setup and hold times for all rising clock edges whenever ADSC and/or ADSP is sampled low and
CS is sampled low. All other synchronous inputs must meet the specified setup and hold times whenever this device is chip selected.
2. Both chip selects must be active whenever ADSC or ADSP is sampled low in order for the this device to remain enabled.
3. ADSC or ADSP must not be asserted for at least 2 Clock after leaving ZZ state.
PARAMETER
SYMBOL
-67
-72
-10
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Cycle Time
tCYC
6.7
-
7.2
-
10
-
ns
Clock Access Time
tCD
-
3.8
-
4.0
-
4.5
ns
Output Enable to Data Valid
tOE
-
3.8
-
4.0
-
4.5
ns
Clock High to Output Low-Z
tLZC
0
-
0
-
0
-
ns
Output Hold from Clock High
tOH
1.5
-
1.5
-
1.5
-
ns
Output Enable Low to Output Low-Z
tLZOE
0
-
0
-
0
-
ns
Output Enable High to Output High-Z
tHZOE
-
3.8
-
4.0
-
4.5
ns
Clock High to Output High-Z
tHZC
1.5
3.8
1.5
4.0
1.5
4.5
ns
Clock High Pulse Width
tCH
2.4
-
2.8
-
2.8
-
ns
Clock Low Pulse Width
tCL
2.4
-
2.8
-
2.8
-
ns
Address Setup to Clock High
tAS
1.5
-
1.5
-
1.5
-
ns
Address Status Setup to Clock High
tSS
1.5
-
1.5
-
1.5
-
ns
Data Setup to Clock High
tDS
1.5
-
1.5
-
1.5
-
ns
Write Setup to Clock High (GW, BW, WEX)
tWS
1.5
-
1.5
-
1.5
-
ns
Address Advance Setup to Clock High
tADVS
1.5
-
1.5
-
1.5
-
ns
Chip Select Setup to Clock High
tCSS
1.5
-
1.5
-
1.5
-
ns
Address Hold from Clock High
tAH
0.5
-
0.5
-
0.5
-
ns
Address Status Hold from Clock High
tSH
0.5
-
0.5
-
0.5
-
ns
Data Hold from Clock High
tDH
0.5
-
0.5
-
0.5
-
ns
Write Hold from Clock High (GW, BW, WEX)
tWH
0.5
-
0.5
-
0.5
-
ns
Address Advance Hold from Clock High
tADVH
0.5
-
0.5
-
0.5
-
ns
Chip Select Hold from Clock High
tCSH
0.5
-
0.5
-
0.5
-
ns
ZZ High to Power Down
tPDS
2
-
2
-
2
-
cycle
ZZ Low to Power Up
tPUS
2
-
2
-
2
-
cycle
Output Load(B)
(for tLZC, tLZOE, tHZOE & tHZC)
Dout
5pF*
Fig. 1
* Including Scope and Jig Capacitance
Output Load(A)
Dout
Z0=50
* Capacitive Load consists of all components of
30pF*
the test environment.
RL=50
353
Ω / 1538Ω
+3.3V for 3.3V I/O
319
Ω / 1667Ω
VL=1.5V for 3.3V I/O
VDDQ/2 for 2.5V I/O
/+2.5V for 2.5V I/O


Similar Part No. - KM732V689A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V688L SAMSUNG-KM732V688L Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
More results

Similar Description - KM732V689A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V696 SAMSUNG-KM732V696 Datasheet
497Kb / 16P
   64Kx32 Synchronous SRAM
K7A203200A SAMSUNG-K7A203200A Datasheet
279Kb / 15P
   64Kx32-Bit Synchronous Pipelined Burst SRAM
DS_K6X8016C3B SAMSUNG-DS_K6X8016C3B Datasheet
130Kb / 9P
   64Kx36 & 64Kx32-Bit Synchronous Pipelined Burst SRAM
logo
Cypress Semiconductor
CY7C1333 CYPRESS-CY7C1333 Datasheet
183Kb / 12P
   64Kx32 Flow-Thru SRAM with NoBL??Architecture
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com