Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ATF1502ASV-15AI44 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1502ASV-15AI44
Description  Highperformance EEPROM CPLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV-15AI44 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1502ASV-15AI44 Datasheet HTML 1Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 2Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 3Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 4Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 5Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 6Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 7Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 8Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Features
High-density, High-performance, Electrically-erasable Complex Programmable
Logic Device
– 3.0 to 3.6V Operating Range
– 32 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
–44 Pins
– 15 ns Maximum Pin-to-pin Delay
– Registered Operation up to 77 MHz
– Enhanced Routing Resources
In-System Programmability (ISP) via JTAG
Flexible Logic Macrocell
– D/T Latch Configurable Flip-flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic Utilization by Burying a Register with a COM Output
Advanced Power Management Features
– Pin-controlled 0.75 mA Standby Mode
– Programmable Pin-keeper Inputs and I/Os
– Reduced-power Feature per Macrocell
Available in Commercial and Industrial Temperature Ranges
Available in 44-lead PLCC and TQFP
Advanced EEPROM Technology
– 100% Tested
– Completely Reprogrammable
– 10,000 Program/Erase Cycles
– 20-year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
PCI-compliant
Security Fuse Feature
Enhanced Features
Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
Output Enable Product Terms
D Latch Mode
Combinatorial Output with Registered Feedback within Any Macrocell
Three Global Clock Pins
Fast Registered Input from Product Term
Programmable “Pin-keeper” Option
V
CC Power-up Reset Option
Pull-up Option on JTAG Pins TMS and TDI
Advanced Power Management Features
– Individual Macrocell Power Option
High-
performance
EEPROM CPLD
ATF1502ASV
Rev. 1615H–PLD–2/04


Similar Part No. - ATF1502ASV-15AI44

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATF1502ASV-15AI44 ATMEL-ATF1502ASV-15AI44 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASV-15AI44

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
Cypress Semiconductor
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
ATMEL Corporation
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com