Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ATF1502ASV-15AI44 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1502ASV-15AI44
Description  Highperformance EEPROM CPLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV-15AI44 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1502ASV-15AI44 Datasheet HTML 1Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 2Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 3Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 4Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 5Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 6Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 7Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 8Page - ATMEL Corporation ATF1502ASV-15AI44 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
ATF1502ASV
1615H–PLD–2/04
Flip-flop
The ATF1502ASV’s flip-flop has very flexible data and control functions. The data input
can come from either the XOR gate, from a separate product term or directly from the
I/O pin. Selecting the separate product term allows creation of a buried registered feed-
back within a combinatorial output macrocell. (This feature is automatically implemented
by the fitter software). In addition to D, T, JK and SR operation, the flip-flop can also be
configured as a flow-through latch. In this mode, data passes through when the clock is
high and is latched when the clock is low.
The clock itself can be either one of the Global CLK signals (GCK[0 : 2]) or an individual
product term. The flip-flop changes state on the clock’s rising edge. When the GCK sig-
nal is used as the clock, one of the macrocell product terms can be selected as a clock
enable. When the clock enable function is active and the enable signal (product term) is
low, all clock edges are ignored. The flip-flop’s asynchronous reset signal (AR) can be
either the Global Clear (GCLEAR), a product term, or always off. AR can also be a logic
OR of GCLEAR with a product term. The asynchronous preset (AP) can be a product
term or always off.
Extra Feedback
The ATF1502ASV macrocell output can be selected as registered or combinatorial.The
extra buried feedback signal can be either combinatorial or a registered signal regard-
less of whether the output is combinatorial or registered. (This enhancement function is
automatically implemented by the fitter software.) Feedback of a buried combinatorial
output allows the creation of a second latch within a macrocell.
I/O Control
The output enable multiplexer (MOE) controls the output enable signal. Each I/O can be
individually configured as an input, output or for bi-directional operation. The output
enable for each macrocell can be selected from the true or compliment of the two output
enable pins, a subset of the I/O pins, or a subset of the I/O macrocells. This selection is
automatically done by the fitter software when the I/O is configured as an input, all mac-
rocell resources are still available, including the buried feedback, expander and cascade
logic.
Global Bus/Switch Matrix The global bus contains all input and I/O pin signals as well as the buried feedback sig-
nal from all 32 macrocells. The switch matrix in each logic block receives as its inputs all
signals from the global bus. Under software control, up to 40 of these signals can be
selected as inputs to the logic block.
Foldback Bus
Each macrocell also generates a foldback product term. This signal goes to the regional
bus and is available to four macrocells. The foldback is an inverse polarity of one of the
macrocell’s product terms. The four foldback terms in each region allow generation of
high fan-in sum terms (up to nine product terms) with little additional delay.
Programmable Pin-
keeper Option for
Inputs and I/Os
The ATF1502ASV offers the option of programming all input and I/O pins so that pin-
keeper circuits can be utilized. When any pin is driven high or low and then subse-
quently left floating, it will stay at that previous high or low level. This circuitry prevents
unused input and I/O lines from floating to intermediate voltage levels, which causes
unnecessary power consumption and system noise. The keeper circuits eliminate the
need for external pull-up resistors and eliminate their DC power consumption.


Similar Part No. - ATF1502ASV-15AI44

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATF1502ASV-15AI44 ATMEL-ATF1502ASV-15AI44 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASV-15AI44

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
Cypress Semiconductor
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
ATMEL Corporation
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com