Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASV-20JI44 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATF1502ASV-20JI44
Description  Highperformance EEPROM CPLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV-20JI44 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATF1502ASV-20JI44 Datasheet HTML 11Page - ATMEL Corporation ATF1502ASV-20JI44 Datasheet HTML 12Page - ATMEL Corporation ATF1502ASV-20JI44 Datasheet HTML 13Page - ATMEL Corporation ATF1502ASV-20JI44 Datasheet HTML 14Page - ATMEL Corporation ATF1502ASV-20JI44 Datasheet HTML 15Page - ATMEL Corporation ATF1502ASV-20JI44 Datasheet HTML 16Page - ATMEL Corporation ATF1502ASV-20JI44 Datasheet HTML 17Page - ATMEL Corporation ATF1502ASV-20JI44 Datasheet HTML 18Page - ATMEL Corporation ATF1502ASV-20JI44 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
ATF1502ASV
1615H–PLD–2/04
SUPPLY CURRENT VS. SUPPLY VOLTAGE
ASV VERSION (TA = 25°C, F = 0)
0
10
20
30
40
50
60
70
3
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
STANDARD POWER
REDUCED POWER
SUPPLY CURRENT VS. SUPPLY VOLTAGE
PIN-CONTROLLED POWER-DOWN MODE (TA = 25°C, F = 0)
0
2
4
6
8
10
12
14
3
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
TBD
SUPPLY CURRENT VS. FREQUENCY
ASV VERSION (TA = 25°C)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0.00
20.00
40.00
60.00
80.00
100.00
FREQUENCY (MHz)
STANDARD POWER
REDUCED POWER
OUTPUT SOURCE CURRENT VS. SUPPLY VOLTAGE
(VOH = 2.4V, TA = 25°C)
-16
-14
-12
-10
-8
-6
-4
-2
0
2.75
3.00
3.25
3.50
3.75
4.00
SUPPLY VOLTAGE (V)
SUPPLY CURRENT VS. SUPPLY VOLTAGE
ASVL (LOW-POWER) VERSION (TA = 25°C, F = 0)
0
1
2
3
4
5
3
3.1
3.2
3.3
3.4
3.5
3.6
VCC (V)
TBD
SUPPLY CURRENT VS. FREQUENCY
ASVL (LOW POWER) VERSION (TA = 25°C)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0.00
5.00
10.00
15.00
20.00
25.00
FREQUENCY (MHz)
STANDARD POWER
REDUCED POWER


Similar Part No. - ATF1502ASV-20JI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV-20JI44 ATMEL-ATF1502ASV-20JI44 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASV-20JI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com