Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5130-27T22UF Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G5130-27T22UF
Description  PSM Step-up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5130-27T22UF Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G5130-27T22UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5130-27T22UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5130-27T22UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5130-27T22UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5130-27T22UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5130-27T22UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5130-27T22UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5130-27T22UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5130-27T22UF Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ver: 0.3 Preliminary
Jun 15, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G5130/G5131
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN= +3.0V, L=100µH, TA=25°C, unless otherwise noted.)
3
3.1
3.2
3.3
3.4
3.5
3.6
0
50
100
150
200
Output Current (mA)
3.0V
2.5V
2.0V
1.5V
V
OUT=3.3V
0
0.5
1
1.5
2
2.5
3
3.5
-40
-20
0
20
40
60
80
100
Temperature (°C)
V
OUT=3.3V
Output Voltage vs Output Current
Output Voltage vs Temperature
0
50
100
150
200
250
300
0
50
100
150
200
Output Current (mA)
V
OUT=3.3V
C
OUT=22µF
3.0V
2.5V
2.0V
1.5V
Ripple Voltage vs Output Current
4.2
4.4
4.6
4.8
5
5.2
5.4
0
50
100
150
200
250
Output Current (mA)
3.0V
2.5V
2.0V
1.5V
V
OUT=5.0V
Output Voltage vs Output Current
Output Voltage vs Temperature
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
-40
-20
0
20
40
60
80
100
Temperature (°C)
V
OUT=5.0V
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
Output Current (mA)
V
OUT=5.0V
C
OUT=22µF
3.0V
2.5V
2.0V
1.5V
Ripple Voltage vs Output Current


Similar Part No. - G5130-27T22UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130-27T21U GMT-G5130-27T21U Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
G5130-27T21UF GMT-G5130-27T21UF Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
More results

Similar Description - G5130-27T22UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130 GMT-G5130_06 Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com