Selected language     English  ▼


CS62LS4008FC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. CS62LS4008FC
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 10 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
Unit
Symbol
Inch
mm
A
0.0433±0.004
1.10±0.10
A1
0.004±0.002
0.10±0.05
A2
0.039±0.002
1.00±0.05
b
0.009±0.002
0.22±0.05
b1
0.008±0.001
0.2±0.03
c
0.004~0.008
0.10~0.21
c1
0.004~0.006
0.10~0.16
D
0.724±0.004
18.40±0.10
E
0.315±0.004
8.00±0.10
e
0.020±0.004
0.50±0.10
HD
0.787±0.008
20.00±0.20
L
0.0197+0.008
-0.004
0.5 +0.2
-0.1
L1
0.0315±0.004
0.80±0.10
y
0.004 Max
0.1 Max
θ
0” ~ 8”
0” ~ 8”
32 - TSOP
D
"A"
32
17
16
1
HD
32
17
16
1
b
WITH PLATING
c1
c
b1
SECTION A-A
BASE M ETAL
A
L1
12°(2X)
"A" DETAIL VIEW
SEATING PLANE
A
0.254
GAUGE PLANE
12°(2X)
L
θ
12°(2X)
12°(2X)
e
SEATING PLANE "y"
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
10




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BS616LV4023Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4001Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4006Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV4025Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4005Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4007Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
UC62LS2008Low Power CMOS SRAM 256K X 8 Bits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BS616LV8011Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62UV4000Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV8010Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl