Selected language     English  ▼


CS62LS4008FC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. CS62LS4008FC
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 11 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
Unit
Symbol
Inch
mm
A
0.111±0.007
2.821±0.176
A1
0.009±0.005
0.229±0.127
A2
0.1055±0.0055
2.680±0.140
b
0.014 ~ 0.020
0.35 ~ 0.50
b1
0.014 ~ 0.018
0.35 ~ 0.46
c
0.006 ~ 0.012
0.15 ~ 0.32
c1
0.006 ~ 0.011
0.15 ~ 0.28
D
0.805±0.005
20.447±0.127
E
0.445±0.005
11.303±0.127
E1
0.555±0.012
14.097±0.305
e
0.050±0.006
1.270±0.152
L
0.033±0.010
0.834±0.25
L1
0.055±0.008
1.397±0.203
y
0.004 Max
0.1 Max
θ
0” ~ 10”
0” ~ 10”
SOP - 32
32
17
16
1
D
e
b
Seating Plane "y"
"A"
A
A
L
L1
10°(4X)
θ
DETAIL "A" (2:1)
b
WITH PLATING
c1
c
b1
SECTION A-A
BASE METAL
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
11




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BS616LV4023Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4001Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4006Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV4025Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4005Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62LV4007Very Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
UC62LS2008Low Power CMOS SRAM 256K X 8 Bits 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BS616LV8011Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS62UV4000Ultra Low Power/Voltage CMOS SRAM 512K X 8 bit 1 2 3 4 5 MoreBrilliance Semiconductor
BS616LV8010Very Low Power/Voltage CMOS SRAM 512K X 16 bit 1 2 3 4 5 MoreBrilliance Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl