Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC156ER Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TLC156ER
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TLC156ER Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TLC156ER Datasheet HTML 1Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 2Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 3Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 4Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 5Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 6Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 7Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 8Page - List of Unclassifed Manufacturers TLC156ER Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
1.0 MEMORY ORGANIZATION
TLC156 memory is organized into program memory and data memory.
1.1 Program Memory Organization
The TLC154/155 have a 9-bit Program Counter (PC) capable of addressing a 512×13 program memory
space. The TLC156 have a 10-bit Program Counter capable of addressing a 1K×13 program memory space.
The TLC157 have an 11-bit Program Counter capable of addressing a 2K×13 program memory space.
The RESET vector for the TLC154/155 is at 1FFh. The RESET vector for the TLC156 is at 3FFh. The
RESET vector for the TLC157 is at 7FFh.
The H/W interrupt vector is at 008h. And the S/W interrupt vector is at 002h.
TLC157 has program memory size greater than 1K words, but the CALL and GOTO instructions only have a
10-bit address range. This 10-bit address range allows a branch within a 1K program memory page size. To allow
CALL and GOTO instructions to address the entire 2K program memory address range for TLC157, there is
another one bit to specify the program memory page. This paging bit comes from the PCHBUF<2> bit. When doing
a CALL or GOTO instruction, the user must ensure that page bit PCHBUF<2> are programmed so that the desired
program memory page is addressed. When one of the return instructions is executed, the entire 11-bit PC is POPed
from the stack. Therefore, manipulation of the PCHBUF <2> is not required for the return instructions.
FIGURE 1.1: Program Memory Map and STACK
PC<10:0>
Stack 1
Stack 2
PC<9:0>
Stack 3
Stack 4
Stack 5
Stack 1
Stack 2
7FFh
Reset Vector
PC<8:0>
Stack 3
Stack 4
Stack 5
Stack 1
Stack 2
3FFh
Reset Vector
Stack 3
Stack 4
:
Stack 5
:
1FFh
Reset Vector
:
:
:
:
008h H/W Interrupt Vector
008h H/W Interrupt Vector
008h H/W Interrupt Vector
002h S/W Interrupt Vector
002h S/W Interrupt Vector
002h S/W Interrupt Vector
000h
000h
000h
TLC154/155
TLC156
TLC157
TLC
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156


Similar Part No. - TLC156ER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
594Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514DW TI-TLC1514DW Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514ID TI-TLC1514ID Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results

Similar Description - TLC156ER

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com