Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS62LS4008GI Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CS62LS4008GI
Description  Low Power CMOS SRAM 512K X 8 Bits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS62LS4008GI Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CS62LS4008GI Datasheet HTML 3Page - List of Unclassifed Manufacturers CS62LS4008GI Datasheet HTML 4Page - List of Unclassifed Manufacturers CS62LS4008GI Datasheet HTML 5Page - List of Unclassifed Manufacturers CS62LS4008GI Datasheet HTML 6Page - List of Unclassifed Manufacturers CS62LS4008GI Datasheet HTML 7Page - List of Unclassifed Manufacturers CS62LS4008GI Datasheet HTML 8Page - List of Unclassifed Manufacturers CS62LS4008GI Datasheet HTML 9Page - List of Unclassifed Manufacturers CS62LS4008GI Datasheet HTML 10Page - List of Unclassifed Manufacturers CS62LS4008GI Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
Unit
Symbol
Inch
mm
A
0.111±0.007
2.821±0.176
A1
0.009±0.005
0.229±0.127
A2
0.1055±0.0055
2.680±0.140
b
0.014 ~ 0.020
0.35 ~ 0.50
b1
0.014 ~ 0.018
0.35 ~ 0.46
c
0.006 ~ 0.012
0.15 ~ 0.32
c1
0.006 ~ 0.011
0.15 ~ 0.28
D
0.805±0.005
20.447±0.127
E
0.445±0.005
11.303±0.127
E1
0.555±0.012
14.097±0.305
e
0.050±0.006
1.270±0.152
L
0.033±0.010
0.834±0.25
L1
0.055±0.008
1.397±0.203
y
0.004 Max
0.1 Max
θ
0” ~ 10”
0” ~ 10”
SOP - 32
32
17
16
1
D
e
b
Seating Plane "y"
"A"
A
A
L
L1
10°(4X)
θ
DETAIL "A" (2:1)
b
WITH PLATING
c1
c
b1
SECTION A-A
BASE METAL
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
11


Similar Part No. - CS62LS4008GI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS62 VISHAY-CS62 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS62 VISHAY-CS62 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
CS6203001K500B1234 VISHAY-CS6203001K500B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
CS6203001K500B1234 VISHAY-CS6203001K500B1234 Datasheet
72Kb / 2P
   Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
01-Jan-2022
CS6203005L000B1234 VISHAY-CS6203005L000B1234 Datasheet
85Kb / 2P
   Customer Special Roundwire Resistor (CS62)
More results

Similar Description - CS62LS4008GI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS2008 ETC1-UC62LS2008 Datasheet
540Kb / 11P
   Low Power CMOS SRAM 256K X 8 Bits
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
GLT6400L08 ETC-GLT6400L08 Datasheet
146Kb / 10P
   Ultra Low Power 512k x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com