Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC157ER Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLC157ER
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TLC157ER Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLC157ER Datasheet HTML 1Page - List of Unclassifed Manufacturers TLC157ER Datasheet HTML 2Page - List of Unclassifed Manufacturers TLC157ER Datasheet HTML 3Page - List of Unclassifed Manufacturers TLC157ER Datasheet HTML 4Page - List of Unclassifed Manufacturers TLC157ER Datasheet HTML 5Page - List of Unclassifed Manufacturers TLC157ER Datasheet HTML 6Page - List of Unclassifed Manufacturers TLC157ER Datasheet HTML 7Page - List of Unclassifed Manufacturers TLC157ER Datasheet HTML 8Page - List of Unclassifed Manufacturers TLC157ER Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TLC156
EPROM/ROM-Based 8-Bit Microcontroller Series
This datasheet contains new product inform99032685ation. TLC reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.95 Nov 20, 2003
P.1/TLC156
TLC
Devices Included in this Data Sheet:
• TLC154/155/156/157 : EPROM devices
• TLC154/155/156/157 : Mask ROM devices
FEATURES
• Only 42 single word instructions
• All instructions are single cycle except for program branches which are two-cycle
• 13-bit wide instructions
• 8-bit wide data path
• 5-level deep hardware stack
• Operating speed: DC-20 MHz clock input
DC-100 ns instruction cycle
Device
Pins #
I/O #
EPROM/ROM (Byte)
RAM (Byte)
TLC154
18
12
512
49
TLC155
28
20
512
48
TLC156
18
12
1K
49
TLC157
28
20
2K
96
• Direct, indirect addressing modes for data accessing
• 8-bit real time clock/counter (Timer0) with 8-bit programmable prescaler
• Internal Power-on Reset (POR)
• Built-in Low Voltage Detector (LVD) for Brown-out Reset (BOR)
• Power-up Reset Timer (PWRT) and Oscillator Start-up Timer(OST)
• On chip Watchdog Timer (WDT) with internal oscillator for reliable operation and soft-ware watch-dog
enable/disable control
• Three I/O ports IOA, IOB and IOC with independent direction control
• Soft-ware I/O pull-high/pull-down or open-drain control
• One internal interrupt source: Timer0 overflow; Two external interrupt source: INT pin, Port B input change
• Wake-up from SLEEP by INT pin or Port B input change
• Power saving SLEEP mode
• Programmable Code Protection
• Selectable oscillator options:
- RC: Resistor/Capacitor Oscillator
- XT: Crystal/Resonator Oscillator
- HF: High Frequency Crystal/Resonator Oscillator
- LF: Low Frequency Crystal Oscillator
• Wide-operating voltage range:
- EPROM : 2.3V to 5.5V
- ROM : 2.3V to 5.5V
tel:13798484366 13798484366


Similar Part No. - TLC157ER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1514 TI-TLC1514 Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
594Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514 TI1-TLC1514 Datasheet
591Kb / 39P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514DW TI-TLC1514DW Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC1514ID TI-TLC1514ID Datasheet
609Kb / 40P
[Old version datasheet]   5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results

Similar Description - TLC157ER

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com