Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

170M8510 Datasheet(PDF) 1 Page - Insel Rectifier India Pvt. Ltd.

Part No. 170M8510
Description  Square Body Flush End Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

170M8510 Datasheet(HTML) 1 Page - Insel Rectifier India Pvt. Ltd.

  170M8510 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. 170M8510 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
High Speed Fuses
148
Arc Voltage
This curve gives the peak
arc voltage, UL, which may
appear across the fuse
during its operation as a
function of the applied
working voltage Eg, (rms)
at a power factor of 15%.
Power Losses
Watts loss at rated current
is given in the electrical
characteristics. The curve
allows the calculation of
the power losses at load
currents lower than the
rated current. The
correction factor, Kp, is
given as a function of the
RMS load current, Ib, in %
of the rated current.
Features and Benefits
• Excellent DC performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss
• Superior cycling capability
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
Square Body Flush End Contact — 1000V (IEC):
50–1400A
1000V (IEC) 50–1400A
Specifications
D
De
es
sc
crriip
pttiio
on
n:: Square body flush
end contact high speed fuses.
D
Diim
me
en
ns
siio
on
ns
s:: See dimensions
illustration.
R
Ra
attiin
ng
gs
s::
Volts: — 1000Vac.
Amps: — 50-1400A
IR: — 150kA (Est. 300kA) RMS Sym.
A
Ag
ge
en
nc
cy
y IIn
nffo
orrm
ma
attiio
on
n:: CE, Designed and tested to IEC
60269: Part 4, UL Recognized.
Electrical Characteristics
Total clearing I2t
The total clearing I2t at
rated voltage and at power
factor of 15% are given in
the electrical
characteristics. For other
voltages, the clearing I2t is
found by multiplying by
correction factor, K, given
as a function of applied
working voltage, Eg, (rms).
1,5
1,0
0,5
0,4
0,3
0,2
K
Eg
500
600
700
800
900
1000
*Rated voltage 900V
*
3
2,5
2
1,8
1,6
1,4
1,2
10
3
8
7
6
5
4
3
UL
Eg
500
600
700
800
900
1000
Dimensions (mm)
Type –BKN/- and –GKN/-
S
Siiz
ze
e
A
A
B
B
M
Ma
ax
x D
D E
E
F
F
F
F** ((iin
n))
M
Miin
n G
G
H
H
1*BKN/75+GKN/75
72.5
74
61
43
M8
5
16” – 18 UNC-2B
5
ø17.5
1BKN/75+GKN/75
73.2
74
69
52
M8
5
16” – 18 UNC-2B
8
ø20
2BKN/75+GKN/75
73.2
74.4
77
59
M10
3
8” – 16 UNC-2B
10
ø24
3BKN/75+GKN/75
73.3
75.4
92
74
M12
1
2” – 13 UNC-2B
10
ø30
3BKN/90+GKN/90
80.3
91.4
92
74
M12
1
2” – 13 UNC-2B
10
ø30
* Valid for fuses type –GKN/-.
1mm = 0.0394” / 1” = 25.4mm
1,0
0,8
0,7
0,6
0,5
0,4
0,3
0,2
0,15
0,1
K
p
Ib
30
40
50
60
70
80
90 100%
For Other Voltage Ratings in This Body Style
• See pages 124 (690V/700V) and 162 (1250V/1300V)


Similar Part No. - 170M8510

ManufacturerPart No.DatasheetDescription
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
170M1309 COOPER-170M1309 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M1309 COOPER-170M1309 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
170M1310 COOPER-170M1310 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
More results

Similar Description - 170M8510

ManufacturerPart No.DatasheetDescription
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
170M3408 COOPER-170M3408 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
List of Unclassifed Manufacturers
List of Unclassifed Man...
170M4489 ETC-170M4489 Datasheet
55Kb / 2P
   Square Body . Flush End Contact
170M6465 ETC2-170M6465 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
Cooper Bussmann, Inc.
Cooper Bussmann, Inc.
170M3388 COOPER-170M3388 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.)
170M6499 COOPER-170M6499 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.) 50-1400A
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M3488 COOPER-170M3488 Datasheet
55Kb / 2P
   Square Body Flush End Contact 1250V/1300V IEC/UL 50-1400A
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
   Square Body Accessories
Littelfuse
Littelfuse
LA070URD31LI350 LITTELFUSE-LA070URD31LI350 Datasheet
402Kb / 5P
   Square Body Semiconductor Fuses
List of Unclassifed Manufacturers
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz