Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170M8513 Datasheet(PDF) 2 Page - Insel Rectifier India Pvt. Ltd.

Part # 170M8513
Description  Square Body Flush End Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRI [Insel Rectifier India Pvt. Ltd.]
Direct Link  https://www.rectifierindia.com/
Logo IRI - Insel Rectifier India Pvt. Ltd.

170M8513 Datasheet(HTML) 2 Page - Insel Rectifier India Pvt. Ltd.

  170M8513 Datasheet HTML 1Page - Insel Rectifier India Pvt. Ltd. 170M8513 Datasheet HTML 2Page - Insel Rectifier India Pvt. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
149
Square Body Flush End Contact — 1000V (IEC):
50–1400A
C
Ca
atta
allo
og
g N
Nu
um
mb
be
errs
s
E
Elle
ec
cttrriic
ca
all C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s
--B
BK
KN
N//--
--G
GK
KN
N//--
II22tt ((A
A22 S
Se
ec
c))
T
Ty
yp
pe
e K
K
T
Ty
yp
pe
e K
K
R
Ra
atte
ed
d
C
Clle
ea
arriin
ng
g
IIn
nd
diic
ca
atto
orr ffo
orr IIn
nd
diic
ca
atto
orr ffo
orr
R
Ra
atte
ed
d
C
Cu
urrrre
en
ntt
a
att R
Ra
atte
ed
d
W
Wa
atttts
s
M
Miic
crro
o
M
Miic
crro
o
S
Siiz
ze
e
V
Vo
olltta
ag
ge
e
R
RM
MS
S--A
Am
mp
ps
s
P
Prre
e--a
arrc
c
V
Vo
olltta
ag
ge
e
L
Lo
os
ss
s
170M3951
170M3921
1000
50
135
815
20
170M3952
170M3922
1000
63
215
1300
25
170M3953
170M3923
1000
80
460
2750
30
170M3954
170M3924
1000
100
860
5100
35
170M3955
170M3925
1000
125
1450
8600
40
170M3956
170M3926
1*
1000
160
2850
17500
45
170M3957
170M3927
1000
200
4950
29500
48
170M3958
170M3928
1000
250
9550
57000
50
170M3959
170M3929
1000
315
21500
130000
60
170M3960
170M3930
1000
350
29000
175000
65
170M3961
170M3931
1000
400
42000
250000
70
170M4951
170M4921
1000
160
2200
13500
40
170M4952
170M4922
1000
200
4150
24500
45
170M4953
170M4923
1000
250
7750
46000
52
170M4954
170M4924
1000
315
16500
98500
60
170M4955
170M4925
1
1000
350
21500
130000
65
170M4956
170M4926
1000
400
31000
185000
70
170M4957
170M4927
1000
450
44500
265000
80
170M4958
170M4928
1000
500
63000
375000
85
170M4959
170M4929
1000
550
84500
500000
90
170M4960
170M4930
1000
630
125000
755000
98
170M5952
170M5922
1000
250
6750
40000
65
170M5953
170M5923
1000
315
13500
81500
75
170M5954
170M5924
1000
350
16500
99000
80
170M5955
170M5925
1000
400
26000
155000
85
170M5956
170M5926
1000
450
35500
210000
90
170M5957
170M5927
2
1000
500
49500
295000
95
170M5958
170M5928
1000
550
66000
390000
100
170M5959
170M5929
1000
630
93500
555000
110
170M5960
170M5930
1000
700
130000
770000
115
170M5961
170M5931
1000
800
195000
1200000
125
170M8600
170M8500
1000
315
9200
54500
90
170M8601
170M8501
1000
350
13000
77500
95
170M8602
170M8502
1000
400
19000
115000
105
170M8603
170M8503
1000
450
27000
160000
107
170M8604
170M8504
1000
500
37500
225000
110
170M8605
170M8505
1000
550
52000
310000
115
170M8606
170M8506
3
1000
630
82500
490000
120
170M8607
170M8507
1000
700
115000
700000
125
170M8608
170M8508
1000
800
170000
1050000
135
170M8609
170M8509
1000
900
250000
1500000
145
170M8610
170M8510
1000
1000
340000
2050000
150
170M8611
170M8511
1000
1100
460000
2750000
155
170M8612**
170M8512**
1000
1250
575000
3400000
175
170M8613**
170M8513**
900
1400
795000
4200000
185
**Overall length is 90mm, for all other fuses the overall length is 75mm.
• Watts loss provided at rated current.
• Microswitch ordered separately. See accessories on page 185-186.
• For fuse curves see pages 152 and 153.
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
High Speed Fuses
Catalog Numbers


Similar Part No. - 170M8513

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
170M1309 COOPER-170M1309 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M1309 COOPER-170M1309 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
170M1310 COOPER-170M1310 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
More results

Similar Description - 170M8513

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3408 COOPER-170M3408 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
List of Unclassifed Man...
170M4489 ETC-170M4489 Datasheet
55Kb / 2P
   Square Body . Flush End Contact
170M6465 ETC2-170M6465 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
Cooper Bussmann, Inc.
170M3388 COOPER-170M3388 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.)
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M6499 COOPER-170M6499 Datasheet
55Kb / 2P
   Square Body ??Flush End Contact 1250V/1300V (IEC/U.L.) 50-1400A
170M3488 COOPER-170M3488 Datasheet
55Kb / 2P
   Square Body Flush End Contact 1250V/1300V IEC/UL 50-1400A
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
   Square Body Accessories
logo
Littelfuse
LA070URD31LI350 LITTELFUSE-LA070URD31LI350 Datasheet
402Kb / 5P
   Square Body Semiconductor Fuses
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com