Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5750Y5V1C105ZB Datasheet(PDF) 2 Page - TDK Electronics

Part # C5750Y5V1C105ZB
Description  Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750Y5V1C105ZB Datasheet(HTML) 2 Page - TDK Electronics

  C5750Y5V1C105ZB Datasheet HTML 1Page - TDK Electronics C5750Y5V1C105ZB Datasheet HTML 2Page - TDK Electronics C5750Y5V1C105ZB Datasheet HTML 3Page - TDK Electronics C5750Y5V1C105ZB Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• All specifications are subject to change without notice.
(2/4)
001-01 / 20011108 / e4416_c3225.fm
Ceramic Capacitors
C Series
For Smoothing
SMD
C3225 (EIA:CC1210) TYPE
SHAPES AND DIMENSIONS
CAPACITANCE RANGES:
CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%), X5R(±15%)
RATED VOLTAGE Edc: 50V
* X5R only
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
TEMPERATURE CHARACTERISTICS: X5R(±15%)
RATED VOLTAGE Edc: 10V
RATED VOLTAGE Edc: 6.3V
TEMPERATURE CHARACTERISTICS: Y5V(+22, –82%)
RATED VOLTAGE Edc:50V
RATED VOLTAGE Edc:25V
RATED VOLTAGE Edc:16V
RATED VOLTAGE Edc:10V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
680000
±10%
1.6±0.2
C3225X7R1H684K
±20%
1.6±0.2
C3225X7R1H684M
1000000
[1µF]
±10%
1.6±0.2
C3225X7R1H105K
±20%
1.6±0.2
C3225X7R1H105M
1500000
[1.5µF]
±10%
2.0±0.2
C3225X7R1H155K
±20%
2.0±0.2
C3225X7R1H155M
2200000*
[2.5µF]
±10%
2.5±0.3
C3225X5R1H225K
±20%
2.5±0.3
C3225X5R1H225M
3300000*
[3.3µF]
±10%
2.5±0.3
C3225X5R1H335K
±20%
2.5±0.3
C3225X5R1H335M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
3300000
[3.3µF]
±10%
1.6±0.2
C3225X7R1E335K
±20%
1.6±0.2
C3225X7R1E335M
4700000
[4.7µF]
±10%
2.0±0.2
C3225X7R1E475K
±20%
2.0±0.2
C3225X7R1E475M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
6800000
[6.8µF]
±10%
2.0±0.2
C3225X5R1C685K
±20%
2.0±0.2
C3225X5R1C685M
10000000
[10µF]
±10%
2.0±0.2
C3225X5R1C106K
±20%
2.0±0.2
C3225X5R1C106M
0.2min.
3.2
±0.4
1min.
Dimensions in mm
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
15000000
[15µF]
±20%
2.3±0.2
C3225X5R1A156M
22000000
[22µF]
±20%
2.3±0.2
C3225X5R1A226M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
22000000
[22µF]
±20%
2.5±0.3
C3225X5R0J226M
33000000
[33µF]
±20%
2.5±0.3
C3225X5R0J336M
47000000
[47µF]
±20%
2.5±0.3
C3225X5R0J476M
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
4700000
[4.7µF]
+80, –20%
1.6±0.2
C3225Y5V1H475Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
10000000
[10µF]
+80, –20%
1.6±0.2
C3225Y5V1E106Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
22000000
[22µF]
+80, –20%
2.0±0.2
C3225Y5V1C226Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
47000000
[47µF]
+80, –20%
2.0±0.2
C3225Y5V1A476Z
• For more information about products with other capacitance or other data,
please contact us.
• Please contact us for the capacitance tolerance ±10% products over 10µF.
with temperature characteristics B, X7R and X5R.


Similar Part No. - C5750Y5V1C105ZB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
C5750Y5V1H226Z NXP-C5750Y5V1H226Z Datasheet
474Kb / 16P
   RF Power LDMOS Transistor
Rev. 1, 1/2013
More results

Similar Description - C5750Y5V1C105ZB

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
   Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
   Ceramic Capacitors
Revision 25-Sep-00
logo
RFE international
HMZ-433A RFE-HMZ-433A Datasheet
585Kb / 2P
   CERAMIC CAPACITORS
logo
Cornell Dubilier Electr...
SM151K CDE-SM151K Datasheet
201Kb / 2P
   Ceramic Capacitors
logo
Murata Manufacturing Co...
RDER71H104K0K1H03B MURATA-RDER71H104K0K1H03B Datasheet
628Kb / 4P
    Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com