Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ0066 Datasheet(PDF) 4 Page - Integral Corp.

Part # IZ0066
Description  DOT MATRIX LCD CONTROLLER & DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ0066 Datasheet(HTML) 4 Page - Integral Corp.

  IZ0066 Datasheet HTML 1Page - Integral Corp. IZ0066 Datasheet HTML 2Page - Integral Corp. IZ0066 Datasheet HTML 3Page - Integral Corp. IZ0066 Datasheet HTML 4Page - Integral Corp. IZ0066 Datasheet HTML 5Page - Integral Corp. IZ0066 Datasheet HTML 6Page - Integral Corp. IZ0066 Datasheet HTML 7Page - Integral Corp. IZ0066 Datasheet HTML 8Page - Integral Corp. IZ0066 Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DOT MATRIX LCD CONTROLLER & DRIVER
IZ0066
4
4
AC CHARACTERISTICS (VDD = 5V, VSS = 0V, Ta = 25oC)
(1) Write mode (Writing data from MPU to IZ0066)
Characteristic
Symbol
Test pin
Min
Typ
Max
Unit
E Cycle Time
tC
E
500
ns
E Rise Time
tR
E25
ns
E Fall Time
tF
E25
ns
E Pulse Width (High, Low)
tW
E
220
ns
R/W and RS Set-up Time
tSU1
R/W, RS
40
ns
R/W and RS Hold Time
tH1
R/W, RS
10
ns
Data Set-up Time
tSU2
DB0 ~ DB7
60
ns
Data Hold Time
tH2
DB0 ~ DB7
10
ns
(2) Read mode (Reading data from IZ0066 to MPU)
Characteristic
Symbol
Test pin
Min
Typ
Max
Unit
E Cycle Time
tC
E
500
ns
E Rise Time
tR
E25
ns
E Fall Time
tF
E25
ns
E Pulse Width (High, Low)
tW
E
220
ns
R/W and RS Set-up Time
tSU1
R/W, RS
40
ns
R/W and RS Hold Time
tH1
R/W, RS
10
ns
Data Output Delay Time
tD
DB0 ~ DB7
120
ns
Data Hold Time
tH2
DB0 ~ DB7
20
ns
RS
R/ W
E
DB
~ DB
07
V IH 1
V IH 1
V IH 1
V IH 1
V IL 1
V IL 1
V IL 1
V IL 1
V IL 1
V IL 1
V IL 1
tSU 1
tSU 2
tW
tH1
tH1
tH2
tR
tC
Valid D ata


Similar Part No. - IZ0066

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
   40 Channel Segment / Common Driver For Dot Matrix LCD
More results

Similar Description - IZ0066

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com