Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H350 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H350
Description  PECL* to TTL Translator(5 Vdc Power Supply Only)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H350 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H350 Datasheet HTML 1Page - ON Semiconductor MC10H350 Datasheet HTML 2Page - ON Semiconductor MC10H350 Datasheet HTML 3Page - ON Semiconductor MC10H350 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC10H350
2–59
MOTOROLA
MECL Data
DL122 — Rev 6
OUTLINE DIMENSIONS
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 775–02
ISSUE C
NOTES:
1. DATUMS –L–, –M–, AND –N– DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS PLASTIC
BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM –T–, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE MOLD
FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250)
PER SIDE.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM BY UP TO 0.012 (0.300).
DIMENSIONS R AND U ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS,
GATE BURRS AND INTERLEAD FLASH, BUT
INCLUDING ANY MISMATCH BETWEEN THE TOP
AND BOTTOM OF THE PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037 (0.940).
THE DAMBAR INTRUSION(S) SHALL NOT CAUSE
THE H DIMENSION TO BE SMALLER THAN 0.025
(0.635).
–M–
–N–
–L–
Y BRK
W
V
D
D
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
S
0.010 (0.250)
N S
T
X
G1
B
U
Z
VIEW D–D
20
1
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
S
0.010 (0.250)
N S
T
C
G
VIEW S
E
J
R
Z
A
0.004 (0.100)
–T–
SEATING
PLANE
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
M
0.007 (0.180)
N S
T
H
VIEW S
K
K1
F
G1
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.385
0.395
9.78
10.03
B
0.385
0.395
9.78
10.03
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.019
0.33
0.48
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
–––
0.51
–––
K
0.025
–––
0.64
–––
R
0.350
0.356
8.89
9.04
U
0.350
0.356
8.89
9.04
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
–––
0.020
–––
0.50
Z
2
10
2
10
G1
0.310
0.330
7.88
8.38
K1
0.040
–––
1.02
–––
_
___


Similar Part No. - MC10H350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350 ONSEMI-MC10H350 Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
MC10H350FN ONSEMI-MC10H350FN Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
MC10H350FNG ONSEMI-MC10H350FNG Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
More results

Similar Description - MC10H350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com