Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-K513-I0500 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 5082-K513-I0500
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-K513-I0500 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  5082-K513-I0500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-K513-I0500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-K513-I0500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-K513-I0500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-K513-I0500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-K513-I0500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-K513-I0500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-K513-I0500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-K513-I0500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Package Dimensions (7.6 mm Series)
Internal Circuit Diagram
Package Dimensions (10 mm Series: Single)
Internal Circuit Diagram


Similar Part No. - 5082-K513-I0500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-K121-00000 HP-5082-K121-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-K121-0C000 HP-5082-K121-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-K121-0D000 HP-5082-K121-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-K121-0E000 HP-5082-K121-0E000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-K121-0F000 HP-5082-K121-0F000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-K513-I0500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com