Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3257C Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT3257C
Description  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3257C Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBT3257C Datasheet HTML 1Page - Texas Instruments SN74CBT3257C Datasheet HTML 2Page - Texas Instruments SN74CBT3257C Datasheet HTML 3Page - Texas Instruments SN74CBT3257C Datasheet HTML 4Page - Texas Instruments SN74CBT3257C Datasheet HTML 5Page - Texas Instruments SN74CBT3257C Datasheet HTML 6Page - Texas Instruments SN74CBT3257C Datasheet HTML 7Page - Texas Instruments SN74CBT3257C Datasheet HTML 8Page - Texas Instruments SN74CBT3257C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN74CBT3257C
4BIT 1OF2 FET MULTIPLEXER/DEMULTIPLEXER
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS137 − OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Control inputs
VCC = 4.5 V,
IIN = −18 mA
−1.8
V
VIKU
Data inputs
VCC = 5 V,
0 mA
> II ≥ −50 mA,
VIN = VCC or GND,
Switch OFF
−2
V
IIN
Control inputs
VCC = 5.5 V,
VIN = VCC or GND
±1
µA
IOZ‡
VCC = 5.5 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF,
VIN = VCC or GND
±10
µA
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
10
µA
ICC
VCC = 5.5 V,
II/O = 0,
VIN = VCC or GND,
Switch ON or OFF
3
µA
∆ICC§
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Cin
Control inputs
VIN = 3 V or 0
3.5
pF
Cio(OFF)
A port
VI/O = 3 V or 0,
Switch OFF,
VIN = VCC or GND
8.5
pF
Cio(OFF)
B port
VI/O = 3 V or 0,
Switch OFF,
VIN = VCC or GND
5.5
pF
Cio(ON)
VI/O = 3 V or 0,
Switch ON,
VIN = VCC or GND
16.5
pF
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
IO = −15 mA
8
12
ron¶
VI = 0
IO = 64 mA
3
6
ron¶
VCC = 4.5 V
VI = 0
IO = 30 mA
3
6
VCC = 4.5 V
VI = 2.4 V,
IO = −15 mA
5
10
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
¶ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd#
A or B
B or A
0.24
0.15
ns
tpd(s)
S
A
6
1.5
5.6
ns
ten
S
B
6.3
1.5
5.8
ns
ten
OE
A or B
6.3
1.5
5.8
ns
tdis
S
B
6.5
1.5
6
ns
tdis
OE
A or B
5.9
1.5
5.9
ns
# The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance,
when driven by an ideal voltage source (zero output impedance).


Similar Part No. - SN74CBT3257C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257CD TI-SN74CBT3257CD Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3257CD TI-SN74CBT3257CD Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257CDBQR TI-SN74CBT3257CDBQR Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results

Similar Description - SN74CBT3257C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C Datasheet
235Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C_08 Datasheet
357Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI1-SN74CBT3253C_15 Datasheet
906Kb / 22P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C_07 Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI-SN74CBT3253C Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com