Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1122AM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CXA1122AM
Description  RF MODULATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CXA1122AM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CXA1122AM Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
9
8
1
RF
Vcc
P/S ADJ
REG
4.5MHz
TANK
CARRIER
OFF SW
AUDIO
GND 1
1
2
3
4
5
6
7
MOD
ADJ
GND 2
SAW
SAW
OUT 2
SAW
OUT 1
CH SW
VIDEO
ANT SW
CONT
16
15
14
13
12
11
10
9
8
RF
OSCILLATOR
MIXER
REGULATOR
AUDIO
SUBCARRIER
MODULATOR
CARRIER
OFF SW
WHITE
CLIP
ANT SW
DRIVER
VIDEO
CLAMP
CXA1122AM
IL08
-TOP VIEW-
**********
RF MODULATOR
4.5MHz TANK
AUDIO
CARRIER OFF SW
CH SW
MOD ADJ
P/S ADJ
SAW
VIDEO
; FOR AUDIO TANK COIL CONNECTING
; AUDIO SIGNAL
; CARRIER CONTROL DC
; CHANNEL SELECT
; MODULATION ADJUST
; PICTURE / SOUND RATIO ADJUST
; SURFACE ACOUSTIC WAVE
; VIDEO SIGNAL
INPUT
ANT SW CONT
REG
RF
SAW OUT 1,2
; ANTENNA SWITCH CONTROL DC
; REGULATOR
; RF
; SURFACE ACOUSTIC WAVE
OUTPUT


Similar Part No. - CXA1122AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
CXA1122AP-1 SONY-CXA1122AP-1 Datasheet
736Kb / 7P
   VTR RF Modulator
CXA1122AP-2 SONY-CXA1122AP-2 Datasheet
736Kb / 7P
   VTR RF Modulator
CXA1122AP-3 SONY-CXA1122AP-3 Datasheet
736Kb / 7P
   VTR RF Modulator
More results

Similar Description - CXA1122AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
logo
Sharp Corporation
VT5F9MN0006 SHARP-VT5F9MN0006 Datasheet
54Kb / 5P
   RF Data Sheet RF Modulator
logo
Toshiba Semiconductor
TA1297AFN TOSHIBA-TA1297AFN Datasheet
620Kb / 18P
   RF MODULATOR FOR VCR
logo
Advanced Crystal Techno...
ACTR3 ACT-ACTR3 Datasheet
40Kb / 3P
   US channel RF modulator
SEPT 04
logo
Sony Corporation
CXA1929M SONY-CXA1929M Datasheet
326Kb / 18P
   TV RF MODULATOR/PLL
logo
Sanyo Semicon Device
LA7160M SANYO-LA7160M Datasheet
39Kb / 3P
   VHF Band RF Modulator
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
   UHF Band RF Modulator
logo
Toshiba Semiconductor
TA1243CF TOSHIBA-TA1243CF Datasheet
573Kb / 18P
   RF MODULATOR FOR VCR
TA1243CFN TOSHIBA-TA1243CFN Datasheet
568Kb / 18P
   RF MODULATOR FOR VCR
TA1297AFN TOSHIBA-TA1297AFN_01 Datasheet
643Kb / 19P
   RF MODULATOR FOR VCR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com