Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3503M04-T2-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE3503M04-T2-A
Description  NECs C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNER HJ-FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3503M04-T2-A Datasheet(HTML) 1 Page - California Eastern Labs

  NE3503M04-T2-A Datasheet HTML 1Page - California Eastern Labs NE3503M04-T2-A Datasheet HTML 2Page - California Eastern Labs NE3503M04-T2-A Datasheet HTML 3Page - California Eastern Labs NE3503M04-T2-A Datasheet HTML 4Page - California Eastern Labs NE3503M04-T2-A Datasheet HTML 5Page - California Eastern Labs NE3503M04-T2-A Datasheet HTML 6Page - California Eastern Labs NE3503M04-T2-A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
NEC's C TO Ku BAND
SUPER LOW NOISE AND
HIGH-GAIN AMPLIFIER N-CHANNEL HJ-FET
NE3503M04
APPLICATIONS
• DBS LNB gain-stage, Mix-stage
• Low noise amplifier for microwave communication
system
California Eastern Laboratories
ORDERING INFORMATION
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: NE3503M04-A
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
• SUPER LOW NOISE FIGURE AND
HIGH ASSOCIATED GAIN:
NF = 0.55 dB TYP., Ga = 11.5 dB TYP. @ VDS = 2 V,
ID = 10 mA, f = 12 GHz
• FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
(M04) PACKAGE:
• GATE WIDTH:
Wg = 160 μm
M04 PACKAGE
PART NUMBER
QUANTITY
PACKAGE
MARKING
SUPPLYING FORM
NE3503M04-A
50 pcs (Non reel)
4-Pin thin-type
super minimold
(Pb-Free)
V75
8 mm wide embossed taping
NE3503M04-T2-A
3 kpcs/reel
Pin 1 (Source), Pin 2 (Drain) face the perforation side
of the tape
ABSOLUTE MAXIMUM RATINGS (TA= +25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDS
4.0
V
Gate to Source Voltage
VGS
3.0
V
Drain Current
ID
IDSS
mA
Gate Current
IG
80
μ
A
Total Power Dissipation
Ptot
125
mW
Channel Temperature
Tch
+125
°
C
Storage Temperature
Tstg
65 to +125
°
C


Similar Part No. - NE3503M04-T2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3503M04-T2 RENESAS-NE3503M04-T2 Datasheet
206Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNEL HJ-FET
NE3503M04-T2B RENESAS-NE3503M04-T2B Datasheet
206Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3503M04-T2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3503M04 RENESAS-NE3503M04 Datasheet
206Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AND HIGH-GAIN AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com