Electronic Components Datasheet Search |
|
SAFC903A70STC05 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
SAFC903A70STC05 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 5 page CERAMIC MICROWAVE FILTERS SAW FILTERS ENVIRONMENTAL SPECIFICATIONS TEST ITEM PACKAGE TEST CONDITIONS TEST METHOD Filter is soldered onto the center of PCB which is laid on two small supporters SMD spaced 90mm apart. The PCB is deflected to 1mm below the horizontal level by the pressing stick for 1 second and repeated 5 times. Terminal Strength A force of 1.0 Kg shall be applied to each terminal in the direction of the axis of terminal for 30 ± 5 seconds. LEADED A force of 250 gf is applied to each lead in axial direction. The lead shall be bent 90 degrees to one direction, then in opposite direction and returned to the original position. Solderability BOTH Lead terminals are immersed in methanol with 7 to 10% of rosin flux for about MIL-STD-202E 5 seconds, then immersed in soldering bath at 230 ± 5°C for 5 ± 0.5 seconds. Method 208C Random Drop BOTH Drop 3 times on concrete floor from 1.0 meter, (30cm for some products). Vibration BOTH Vibration amplitude of 1.5mm at 10-55Hz in each of three mutually MIL-STD-201E perpendicular directions for 1 hour. Method 201A MECHANICAL ENVIRONMENTAL TEST ITEM PACKAGE TEST CONDITIONS TEST METHOD Salt Spray BOTH Hold in chamber with 5% salt density at 35°C +1.1°/–1.7°C for 48 hours. MIL-STD-202E Measure after exposure to room condition for 1 hour. Method 101D Temperature Cycling BOTH Exposure to 5 cycles of –55°C (30 minutes) ¡+25°C (15 minutes), ±85°C MIL-STD-202E (30 minutes) ¡+25°C (15 minutes). Test after 2 hours exposure to room conditions. Method 102A Humidity BOTH Hold in chamber with 90 to 95% R.H. at 40 ± 2°C for 100 hours. Test after 2 MIL-STD-202E hours exposure to room conditions. Method 103B Operating Humidity BOTH Hold in chamber with 90 to 95% R.H. at 40 ± 2°C for 100 hours at 6VDC. MIL-STD-202E Test after 2 hours exposure to room conditions. Thermal Shock BOTH Expose to 5 cycles of –55°C (30 minutes) ¡+85°C (30 minutes). Test after 2 hours MIL-STD-202E exposure to room conditions. Method 107D Life Test (High) BOTH Hold in chamber at 85 ± 2°C for 100 hours. Test after exposure to room MIL-STD-202E conditions for 2 hours. Method 108A Life Test (Low) BOTH Hold in chamber at –30 ± 2°C for 100 hours. Test after exposure to room MIL-STD-202E conditions for 2 hours. Method 108A Operating Life Test BOTH Hold in chamber at 85 ± 2°C for 100 hours at 6VDC. Test after exposure to room conditions for 2 hours. Sulfuration BOTH Hold in chamber with 1000ppm sulfur density for 24 hours. Test after exposure to room conditions for 2 hours. Filter shall be preheated at 150 ± 20°C for 60 seconds, immersed whole SMD electrode in soldering bath at 240 ± 5°C for 3 ± 1 seconds, then measured after Resistance to exposure to room conditions for 2 hours. MIL-STD-202E Soldering Heat Lead terminals are immersed up to 1.5mm from package base in soldering bath Method 210A LEADED at 260 ± 5°C for 10 ± 1 seconds, then measured after exposure to room conditions for 2 hours. TEST ITEM PACKAGE TEST CONDITIONS TEST METHOD Dielectric Withstanding BOTH Apply 100VDC between I/O terminals and ground terminal, for 1 minute. MIL-STD-202E Voltage Insulation Resistance BOTH Apply 100VDC between I/O terminals and ground terminal, for 1 minute. MIL-STD-202E Method 302 Temperature SMD Filter shall be measured between –10°C to +60°C temperature range. Characteristics LEADED Filter shall be measured between –10°C to +50°C temperature range. ELECTRICAL 354 CG01-I SAF Series |
Similar Part No. - SAFC903A70STC05 |
|
Similar Description - SAFC903A70STC05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |