Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-5558-HE000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 5082-5558-HE000
Description  Low Current Seven Segment Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-5558-HE000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  5082-5558-HE000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-5558-HE000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-5558-HE000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-5558-HE000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-5558-HE000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-5558-HE000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-5558-HE000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-5558-HE000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-5558-HE000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Devices
AlGaAs
HER
Yellow
Green
Package
HDSP-
HDSP-
HDSP-
HDSP-
Description
Drawing
A101
7511
A801
A901
7.6 mm Common Anode Right Hand Decimal
A
A103
7513
A803
A903
7.6 mm Common Cathode Right Hand Decimal
B
A107
7517
A807
A907
7.6 mm Common Anode
±1. Overflow
C
A108
7518
A808
A908
7.6 mm Common Cathode
±1. Overflow
D
F101
10 mm Common Anode Right Hand Decimal
E
F103
10 mm Common Cathode Right Hand Decimal
F
F107
10 mm Common Anode
±1. Overflow
G
F108
10 mm Common Cathode
±1. Overflow
H
G101
10 mm Two Digit Common Anode Right Hand Decimal
X
G103
10 mm Two Digit Common Cathode Right Hand Decimal
Y
E100
3350
10.9 mm Common Anode Left Hand Decimal
I
E101
3351
10.9 mm Common Anode Right Hand Decimal
J
E103
3353
10.9 mm Common Cathode Right Hand Decimal
K
E106
3356
10.9 mm Universal
±1. Overflow[1]
L
H101
5551
14.2 mm Common Anode Right Hand Decimal
M
H103
5553
14.2 mm Common Cathode Right Hand Decimal
N
H107
5557
14.2 mm Common Anode
±1. Overflow
O
H108
5558
14.2 mm Common Cathode
±1. Overflow
P
K121
K701
14.2 mm Two Digit Common Anode Right Hand Decimal
R
K123
K703
14.2 mm Two Digit Common Cathode Right Hand Decimal
S
N100
20 mm Common Anode Left Hand Decimal
Q
N101
N401
20 mm Common Anode Right Hand Decimal
T
N103
N403
20 mm Common Cathode Right Hand Decimal
U
N105
20 mm Common Cathode Left Hand Decimal
V
N106
N406
20 mm Universal
±1. Overflow[1]
W
Note:
1. Universal pinout brings the anode and cathode of each segment’s LED out to separate pins. See internal diagrams L or W.


Similar Part No. - 5082-5558-HE000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5501-00000 HP-5082-5501-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0E000 HP-5082-5501-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0F000 HP-5082-5501-0F000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0G000 HP-5082-5501-0G000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0H000 HP-5082-5501-0H000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - 5082-5558-HE000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com