Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2801-4-V-F3 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2801-4-V-F3
Description  HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2801-4-V-F3 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2801-4-V-F3 Datasheet HTML 1Page - California Eastern Labs PS2801-4-V-F3 Datasheet HTML 2Page - California Eastern Labs PS2801-4-V-F3 Datasheet HTML 3Page - California Eastern Labs PS2801-4-V-F3 Datasheet HTML 4Page - California Eastern Labs PS2801-4-V-F3 Datasheet HTML 5Page - California Eastern Labs PS2801-4-V-F3 Datasheet HTML 6Page - California Eastern Labs PS2801-4-V-F3 Datasheet HTML 7Page - California Eastern Labs PS2801-4-V-F3 Datasheet HTML 8Page - California Eastern Labs PS2801-4-V-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PHOTOCOUPLER
PS2801-1,PS2801-4
HIGH ISOLATION VOLTAGE
SSOP PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS2801-1 and PS2801-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN
silicon phototransistor in a plastic SSOP for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12
Anode
Cathode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
12 34 56 78
16 15 14 13 12 11 10 9
(Top View)
PIN CONNECTION
PS2801-1
PS2801-4
• High isolation voltage (BV = 2 500 Vr.m.s.)
• Small and thin package (4,16-pin SSOP, Pin pitch 1.27 mm)
• High collector to emitter voltage (VCEO = 80 V)
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• Ordering number of tape product: PS2801-1-F3, F4, PS2801-4-F3, F4
• Pb-Free product
• Safety standards: PS2801-1, -4
UL approved: File No. E72422
BSI approved: No. 8188, 8189
DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• Programmable logic controllers
• Measuring instruments
• Power supply
• Hybrid IC
Document No. PN10251EJ02V0DS (2nd edition)
Date Published April 2005 CP(K)
The mark
shows major revised points.


Similar Part No. - PS2801-4-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-4-V-F3 CEL-PS2801-4-V-F3 Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
Renesas Technology Corp
PS2801-4-V-F3 RENESAS-PS2801-4-V-F3 Datasheet
287Kb / 16P
   High isolation voltage Small and thin package
More results

Similar Description - PS2801-4-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-P-A RENESAS-PS2801C-1-P-A Datasheet
538Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com