Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB-7483H-1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SB-7483H-1
Description  DC Tachometer Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SB-7483H-1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SB-7483H-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SB-7483H-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SB-7483H-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SB-7483H-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SB-7483H-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SB-7483H-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SB-7483H-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SB-7483H-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Model Number
Mounting
Weight
(Approx.)
Inertia
(Approx.)
oz-in-sec2
V/1000
RPM
RPM
(max)
Armature
Resistance
(dynamic)
Armature
Inductance
(henrys)
Outline
Dimensions
Mounting
Dimensions
Shaft
Size
(in.)
ST-7336A-7
Face
3.0 oz 1.32 x 10-4
2.6v 12,000
40Ω
0.024h
Fig. 8
Fig. 8
.120
ST-7336A-2
Face
3.0 oz 1.32 x 10-4
7.0v 12,000
350Ω
0.18h
Fig. 8
Fig. 8
.120
ST-7336B-1
Face
4.0 oz 2.27 x 10-4 20.8v 8,000
1000Ω
0.56h
Fig. 8
Fig. 8
.120
ST-7337A-2
Face
3.0 oz 1.32 x 10-4
7.0v 12,000
350Ω
0.18h
Fig. 8
Fig. 8
.187
ST-7337B-1
Face
4.0 oz 2.27 x 10-4 20.8v 8,000
1000Ω
0.56h
Fig. 8
Fig. 8
.187
SU-7346D-1 Flange
8.5 oz 4.54 x 10-4
45v
5,000
1750Ω
1.00h
Fig. 8
Fig. 5
.187
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
Sealed DC Tachometers
1 to 45 volts/1000 RPM
Servo-Tek’s Ruggedized
PY Alternative (Up to 50 volts)
Sealed DC Tachometer Generator Specifications
Ruggedized Tachometer Generators
Servo-Tek ruggedized DC tachometer generators
are designed with sturdy aluminum housings and
strong mounting flanges. Other features offered
include extra-heavy armature shafts and bearings.
The mechanical flexibility of the ST-13212 allows
for the internal tachometer to be repaired or
replaced, without having to replace the expensive
anodized casting. The ST-13212 supplies outputs
from 2.6 to 50V/1000 RPM and runs at speeds
up to 5000 RPM. The shaft size is 5/16” in
diameter. The ST-12970 comes equipped with a
rubber coupling. It allows the unit to be driven
by a motor shaft with 0.167” wide slot. The
ST-12970 is also available with outputs up to
24V/1000 RPM and can run at high speeds.
Maximum Driving Torque for a sealed DC tachometer generator is 0.7 oz-in
Most units listed above are normally in stock
ST-7337A-2N and ST-7337B-1
ST-13212 and ST-12970
Sealed Tachometer Generators
Servo-Tek manufactures a complete line of sealed
units which are resistant against the harmful
effects of fluids. These units employ a one-piece
housing, a special shaft seal, and a form-fitted
rubber boot on the terminal end. Servo-Tek sealed
units meet electrical specifications after storage at
49ºC with 95% relative humidity for 24 hours.
These units are capable of enduring vibration
with amplitudes up to 0.03” total excursion at
frequencies from 4 Hz to 55 Hz in each of three
mutually perpendicular axes with no evidence of
physical damage. These units are available with a
low ripple output up to 30V/1000 RPM.


Similar Part No. - SB-7483H-1

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
SB-015 RHOPOINT-SB-015 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Gamewell-FCI by Honeywe...
SB-10 GAMEWELL-FCI-SB-10 Datasheet
389Kb / 2P
   Double action station
logo
List of Unclassifed Man...
SB-10 ETC2-SB-10 Datasheet
121Kb / 1P
   Snap Fit Bushings
SB-13 ETC2-SB-13 Datasheet
121Kb / 1P
   Snap Fit Bushings
SB-16 ETC2-SB-16 Datasheet
121Kb / 1P
   Snap Fit Bushings
More results

Similar Description - SB-7483H-1

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
Baumer IVO GmbH & Co. K...
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com