Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14008B Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14008B
Description  4-Bit Full Adder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14008B Datasheet(HTML) 6 Page - ON Semiconductor

  MC14008B Datasheet HTML 1Page - ON Semiconductor MC14008B Datasheet HTML 2Page - ON Semiconductor MC14008B Datasheet HTML 3Page - ON Semiconductor MC14008B Datasheet HTML 4Page - ON Semiconductor MC14008B Datasheet HTML 5Page - ON Semiconductor MC14008B Datasheet HTML 6Page - ON Semiconductor MC14008B Datasheet HTML 7Page - ON Semiconductor MC14008B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14008B
http://onsemi.com
6
Figure 5. Logic Diagram
Cin
A1
B1
A2
B2
A3
B3
A4
B4
S1
S2
S3
S4
Cout
Figure 6. Using the MC14008B in a 16–Bit Adder Configuration
WORD A + B INPUTS
A1
B4
A1
B4
A1
B4
A1
B4
S1
S4
S1
S4
S1
S4
S1
S4
Cin
Cin
Cin
Cin
Cout
Cout
Cout
Cout
CHIP
1
CHIP
2
CHIP
3
CHIP
4
SUM OUTPUTS
Calculation of 16–bit adder speed:
tP total = tP (Sum to Carry) + tP (Carry to Sum) + 2 tP (Carry to Carry)
The guaranteed 16–bit adder speed at 10 V, 25
°C, CL = 50 pF is:
tp total = 290 + 310 + 300 = 900 ns
TYPICAL APPLICATION


Similar Part No. - MC14008B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14008B ONSEMI-MC14008B Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
MC14008B ONSEMI-MC14008B Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
logo
Motorola, Inc
MC14008BCL MOTOROLA-MC14008BCL Datasheet
255Kb / 8P
   4-Bit Full Adder
More results

Similar Description - MC14008B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
Hitachi Semiconductor
HD14008B HITACHI-HD14008B Datasheet
69Kb / 5P
   4-bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_14 Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com