Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14001UBDR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14001UBDR2
Description  UB-Suffix Series CMOS Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14001UBDR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC14001UBDR2 Datasheet HTML 1Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 2Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 3Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 4Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 5Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 6Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 7Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 5
1
Publication Order Number:
MC14001UB/D
MC14001UB, MC14011UB
UB−Suffix Series
CMOS Gates
The UB Series logic gates are constructed with P and N channel
enhancement mode devices in a single monolithic structure
(Complementary MOS). Their primary use is where low power
dissipation and/or high noise immunity is desired. The UB set of
CMOS gates are inverting non−buffered functions.
Features
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Linear and Oscillator Applications
Capable of Driving Two Low−Power TTL Loads or One
Low−Power Schottky TTL Load Over the Rated Temperature Range
Double Diode Protection on All Inputs
Pin−for−Pin Replacements for Corresponding CD4000 Series UB
Suffix Devices
Pb−Free Packages are Available*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
− 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
− 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation, per Package
(Note 1)
500
mW
TA
Ambient Temperature Range
− 55 to +125
°C
Tstg
Storage Temperature Range
− 65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
1
14
PDIP−14
P SUFFIX
CASE 646
MC140xxUBCP
AWLYYWW
SOIC−14
D SUFFIX
CASE 751A
1
14
140xxU
AWLYWW
http://onsemi.com
xx
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week


Similar Part No. - MC14001UBDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14001UBDR2 ONSEMI-MC14001UBDR2 Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UBDR2G ONSEMI-MC14001UBDR2G Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UBDR2G ONSEMI-MC14001UBDR2G Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UBDR2G ONSEMI-MC14001UBDR2G Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
More results

Similar Description - MC14001UBDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001UB ONSEMI-MC14001UB_06 Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com