Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HCT164F3A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT164F3A
Description  High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT164F3A Datasheet(HTML) 5 Page - Texas Instruments

  CD54HCT164F3A Datasheet HTML 1Page - Texas Instruments CD54HCT164F3A Datasheet HTML 2Page - Texas Instruments CD54HCT164F3A Datasheet HTML 3Page - Texas Instruments CD54HCT164F3A Datasheet HTML 4Page - Texas Instruments CD54HCT164F3A Datasheet HTML 5Page - Texas Instruments CD54HCT164F3A Datasheet HTML 6Page - Texas Instruments CD54HCT164F3A Datasheet HTML 7Page - Texas Instruments CD54HCT164F3A Datasheet HTML 8Page - Texas Instruments CD54HCT164F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
CP Pulse Width
tW
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Set-up Time
tSU
2
60-75
-90-
ns
4.5
12
-
15
-
18
-
ns
6
10-13
-15-
ns
Hold Time
tH
2
4
-4-4-
ns
4.5
4-4-4-
ns
6
4
-4-4-
ns
MR to Clock,
Removal Time
tREM
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
HCT TYPES
Maximum Clock Frequency
fMAX
4.5
27
-
22
-
18
-
MHz
MR Pulse Width
tw
6
18-23
-27-
ns
CP Pulse Width
tw
4.5
18
-
23
-
27
-
ns
Set-up Time
tSU
6
12-15
-18-
ns
Hold Time
tH
4.5
4-4-4-
ns
MR to Clock,
Removal Time
tREM
6
16-20
-24-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
CP to Qn
tPLH, tPHL
CL = 50pF
2
-
170
212
255
ns
4.5
-
34
43
51
ns
CL = 15pF
5
14
-
-
-
ns
CL = 50pF
6
-
29
36
43
ns
MR to Qn
tPLH, tPHL
CL = 50pF
2
-
140
175
210
ns
4.5
-
28
35
42
ns
CL = 15pF
5
11
-
-
-
ns
CL = 50pF
6
-
24
30
36
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
2
-
75
-
110
ns
4.5
-
15
-
22
ns
6
-
13
-
19
ns
Maximum Clock Frequency
fMAX
CL = 15pF
5
60
-
-
-
MHz
Input Capacitance
CIN
--
-
10
10
10
pF
Prerequisite For Switching Function
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
CD54HC164, CD74HC164, CD54HCT164, CD74HCT164


Similar Part No. - CD54HCT164F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT164F3A TI-CD54HCT164F3A Datasheet
339Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HCT164F3A TI-CD54HCT164F3A Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
More results

Similar Description - CD54HCT164F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165 Datasheet
261Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC166 TI-CD54HC166_08 Datasheet
564Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165_07 Datasheet
418Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com