Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM337P Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM337P
Description  LIGHT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM337P Datasheet(HTML) 1 Page - ELM Electronics

  ELM337P Datasheet HTML 1Page - ELM Electronics ELM337P Datasheet HTML 2Page - ELM Electronics ELM337P Datasheet HTML 3Page - ELM Electronics ELM337P Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ELM337
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Light Switch
The ELM337 provides a convenient means to
interface standard photocells or light dependent
resistors (LDRs) to digital logic circuits. It provides
an input comparator with hysteresis, line frequency
filtering, digital delays, and high current output
drivers all within the one 8 pin package.
Three mode setting pins configure the ELM337
for pulse or continuous output and for a delay on
change of from 1 msec to 10 minutes. The transition
threshold is set with a single external resistor,
simplifying designs and minimizing costs.
Applications need not be limited to those
employing photocells, as the Example Applications
section shows. The Schmitt trigger input provides a
convenient way to interface to virtually any input
signal, whether from digital logic or from a slowly
varying analog source. The remainder of the
ELM337 can simply be thought of as a time delay on
pickup and dropout type circuit - very useful for
sequencing processes.
• Low power CMOS design - typically 1mA at 5V
• Operates from 3V to 5.5V
• No external timing elements required
• Low parts count
• Digitally selected delays of up to 10 minutes
• Pulsed or continuous outputs
• Internal line frequency filtering
• High current drive outputs - up to 25 mA
• Automatic lighting controls
• Security light beam monitoring
• Position sensing
• Light controlled counters
• Time delay circuits
LDR
Dark
Light
M2
Description
Applications
Block Diagram
1 of 4
Features
ELM337DSA
M0
M1
LDR
5
7
6
Programmable
Timer
Output
Logic
Light
Dark
4
M0
3
M1
2
M2
Line
Frequency
Detector


Similar Part No. - ELM337P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM331 ELM-ELM331 Datasheet
28Kb / 4P
   Solid State Thermostat
ELM331DSB ELM-ELM331DSB Datasheet
28Kb / 4P
   Solid State Thermostat
ELM331P ELM-ELM331P Datasheet
28Kb / 4P
   Solid State Thermostat
ELM331SM ELM-ELM331SM Datasheet
28Kb / 4P
   Solid State Thermostat
logo
List of Unclassifed Man...
ELM33305HDL ETC2-ELM33305HDL Datasheet
857Kb / 4P
   Extruded Vertical T-1 (5mm) LED Standard Spacer Profie Assy
More results

Similar Description - ELM337P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA202K PANASONIC-EVPAA202K Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA602W PANASONIC-EVPAA602W Datasheet
145Kb / 8P
   LIGHT TOUCH SWITCH
logo
Everlight Electronics C...
ITR8307 EVERLIGHT-ITR8307 Datasheet
250Kb / 9P
   LIGHT REFLECTION SWITCH
logo
Panasonic Semiconductor
EVPAA402W PANASONIC-EVPAA402W Datasheet
145Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA802Q PANASONIC-EVPAA802Q Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
logo
Pericom Semiconductor C...
PT8A2641 PERICOM-PT8A2641 Datasheet
413Kb / 13P
   PIR Sensor Light Switch
logo
List of Unclassifed Man...
2D140 ETC-2D140 Datasheet
52Kb / 1P
   SWITCH-UNIT LIGHT FORCE
logo
Pericom Semiconductor C...
PT8A261 PERICOM-PT8A261 Datasheet
100Kb / 13P
   PIR Sensor Light Switch Controller
PT8A2612 PERICOM-PT8A2612 Datasheet
105Kb / 12P
   PIR Sensor Light Switch Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com