Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-T1636A Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HDMP-T1636A
Description  Gigabit Ethernet and Fibre Channel SerDes ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-T1636A Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HDMP-T1636A Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-T1636A Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-T1636A Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-T1636A Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-T1636A Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-T1636A Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-T1636A Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-T1636A Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-T1636A Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
HDMP-1636A/1646A/T1636A (Transmitter Section)
Output Jitter Characteristics
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Typ.
RJ[1]
Random Jitter at DOUT, the High Speed Electrical Data Port, specified as
ps
8
one sigma deviation of the 50% crossing point (RMS)
DJ[1]
Deterministic Jitter at DOUT, the High Speed Electrical Data Port (pk-pk)
ps
15
Note: 1. Defined by Fibre Channel Specification X3.230-1994 FC-PH Standard, Annex A, Section A.4 and tested using measurement
method shown in Figure 8.
HDMP-1636A/1646A/T1636A
Package Thermal Characteristics
TA = 0°C to +70°C, VCC = 3.15 V to 3.45 V
Symbol
Parameter
Units
Typ.
Max.
PDmax
Power Dissipationa
mW
675
900
θJA[1]
Thermal Resistance: Junction to Ambient in still air
°C/W
HDMP-1646A
36.3
HDMP-1636A
45.0
HDMP-T1636A
40.0
ψJT[2]
Thermal Characterization parameter: Junction to package top
°C/W
HDMP-1646A
9.6
HDMP-1636A
7.8
HDMP-T1636A
6.2
Notes:
Based on independent testing done by Agilent.
1.
θJA is based on thermal measurement in a still air environment at 23°C on a standard 3 x 3” FR4 PCB as specified in EIA/JESD 51-7.
2.
ψ
JT is used to determine the actual junction temperature in a given application, using the following equation:
TJ = ψJT x PD + TT where TT is the measured temperature on top center of the package and PD is the power being dissipated.
Figure 8. Transmitter Jitter Measurement Method.
a. Block Diagram of RJ Measurement Method.
b. Block Diagram of DJ Measurement Method.
70841B
PATTERN
GENERATOR*
83480A
OSCILLOSCOPE
HDMP-1636A
70311A
CLOCK SOURCE
+ DATA
- DATA
0000011111
TRIGGER
CH1
CH2
+DOUT
-DOUT
REFCLK LOOPEN
Tx[0..9]
BIAS
TEE
1.4 V
0011111000
(STATIC K28.7)
1.25 GHz
125 MHz
* PATTERN
GENERATOR
PROVIDES A
DIVIDE BY
10 FUNCTION.
70841B
PATTERN
GENERATOR
83480A
OSCILLOSCOPE
HDMP-1636A
70311A
CLOCK SOURCE
+ DATA
- DATA
+K28.5, -K28.5
TRIGGER
CH1
CH2
+DOUT
-DOUT
REFCLK
LOOPEN
Tx[0..9]
1.25 GHz
125 MHz
ENBYTSYNC
Rx[0..9]
-DIN
+DIN
DIVIDE
BY 2
CIRCUIT
DIVIDE
BY 10
CIRCUIT
(DUAL
OUTPUT)
VARIABLE
DELAY
TTL


Similar Part No. - HDMP-T1636A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
   Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
HDMP-0422 HP-HDMP-0422 Datasheet
242Kb / 14P
   Single Port Bypass Circuit with CDR & Data Valid Detection Capability for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
More results

Similar Description - HDMP-T1636A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1687 HP-HDMP-1687 Datasheet
340Kb / 16P
   Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
logo
Applied Micro Circuits ...
S2070 AMCC-S2070 Datasheet
168Kb / 20P
   FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
   Gigabit Ethernet/Fibre Channel Transceiver
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
   Fibre Channel SerDes
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
Pericom Semiconductor C...
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
Vitesse Semiconductor C...
VSC7139 VITESSE-VSC7139 Datasheet
247Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
NXP Semiconductors
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com