Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71P72104S200BQ Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT71P72104S200BQ
Description  18Mb Pipelined QDRII SRAM Burst of 2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P72104S200BQ Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT71P72104S200BQ Datasheet HTML 4Page - Integrated Device Technology IDT71P72104S200BQ Datasheet HTML 5Page - Integrated Device Technology IDT71P72104S200BQ Datasheet HTML 6Page - Integrated Device Technology IDT71P72104S200BQ Datasheet HTML 7Page - Integrated Device Technology IDT71P72104S200BQ Datasheet HTML 8Page - Integrated Device Technology IDT71P72104S200BQ Datasheet HTML 9Page - Integrated Device Technology IDT71P72104S200BQ Datasheet HTML 10Page - Integrated Device Technology IDT71P72104S200BQ Datasheet HTML 11Page - Integrated Device Technology IDT71P72104S200BQ Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6.42
8
IDT71P72204 (2M x 8-Bit), 71P72104 (2M x 9-Bit), 71P72804 (1M x 18-Bit) 71P72604 (512K x 36-Bit)
Advance Information
18 Mb QDR II SRAM Burst of 2
Commercial Temperature Range
Pin Configuration 512K x 36
165-ball FBGA Pinout
TOP VIEW
1
2
3
4
56789
10
11
A
CQ
VSS/
SA (4)
NC/
SA (2)
WBW2
KBW1
R
NC/
SA (1)
VSS/
SA (3)
CQ
B
Q27
Q18
D18
SA
BW3
K
BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
SA
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
C
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
6109 tb l 12c
NOTES:
1. A9 is reserved for the 36Mb expansion address.
2. A3 is reserved for the 72Mb expansion address.
3. A10 is reserved for the 144Mb expansion address. This must be tied or driven to VSS on the 512K x 36 QDRII Burst of 2 (71P72604) devices.
4. A2 is reserved for the 288Mb expansion address. This must be tied or driven to VSS on the 512K x 36 QDRII Burst of 2 (71P72604) devices.


Similar Part No. - IDT71P72104S200BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P73104 IDT-IDT71P73104 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104167BQ IDT-IDT71P73104167BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104200BQ IDT-IDT71P73104200BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104250BQ IDT-IDT71P73104250BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
More results

Similar Description - IDT71P72104S200BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com