Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T1008C2C-B Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6T1008C2C-B
Description  128K x8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008C2C-B Datasheet(HTML) 2 Page - Samsung semiconductor

  K6T1008C2C-B Datasheet HTML 1Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 2Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 3Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 4Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 5Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 6Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 7Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 8Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRELIMINARY
K6T1008C2C Family
CMOS SRAM
Revision 2.0
November 1997
2
128K x8 bit Low Power CMOS Static RAM
GENERAL DESCRIPTION
The K6T1008C2C families are fabricated by SAMSUNG
′s
advanced CMOS process technology. The families support
various operating temperature ranges and have various
package types for user flexibility of system design. The fami-
lies also support low data retention voltage for battery back-
up operation with low data retention current.
FEATURES
• Process Technology: TFT
• Organization: 128K x8
• Power Supply Voltage: 4.5~5.5V
• Low Data Retention Voltage: 2V(Min)
• Three state output and TTL Compatible
• Package Type: 32-DIP-600, 32-SOP-525,
32-TSOP1-0820F/R
PIN DESCRIPTION
PRODUCT FAMILY
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC2, Max)
K6T1008C2C-L
Commercial(0~70
°C)
4.5~5.5V
55/70ns
50
µA
10
µA
60mA
32-DIP, 32-SOP
32-TSOP1-F/R
K6T1008C2C-B
K6T1008C2C-P
Industrial(-40~85
°C)
70ns
50
µA
15
µA
32-SOP
32-TSOP1-F/R
K6T1008C2C-F
FUNCTIONAL BLOCK DIAGRAM
32-TSOP
Type1 - Reverse
A11
A9
A8
A13
WE
CS2
A15
VCC
N.C
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32-TSOP
Type1 - Forward
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
N.C
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
CS2
WE
A13
A8
A9
A11
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
32-DIP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-SOP
A11
A9
A8
A13
WE
CS2
A15
VCC
N.C
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
Precharge circuit.
Memory array
1024 rows
128
×8 columns
I/O Circuit
Column select
Clk gen.
Row
select
A0
A1
A2
A3
A9
A11
A10
A4
A5
A6
A7
A8
A12
A14
I/O1
Data
cont
I/O8
A13
A15
A16
VCC
VSS
CS1
WE
OE
Control
logic
CS2
Data
cont
Name
Function
Name
Function
CS1,CS2
Chip Select Inputs
I/O1~I/O8
Data Inputs/Outputs
OE
Output Enable
Vcc
Power
WE
Write Enable Input
Vss
Ground
A0~A16
Address Inputs
N.C
No Connection


Similar Part No. - K6T1008C2C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-B SAMSUNG-K6T1008C2E-B Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DB55 SAMSUNG-K6T1008C2E-DB55 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DB70 SAMSUNG-K6T1008C2E-DB70 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DL55 SAMSUNG-K6T1008C2E-DL55 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008C2C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com