Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T1008C2C-B Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6T1008C2C-B
Description  128K x8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008C2C-B Datasheet(HTML) 3 Page - Samsung semiconductor

  K6T1008C2C-B Datasheet HTML 1Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 2Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 3Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 4Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 5Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 6Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 7Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 8Page - Samsung semiconductor K6T1008C2C-B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRELIMINARY
K6T1008C2C Family
CMOS SRAM
Revision 2.0
November 1997
3
PRODUCT LIST
Commercial Temperature Products(0~70
°C)
Industrial Temperature Products(-40~85
°C)
Part Name
Function
Part Name
Function
K6T1008C2C-DL55
K6T1008C2C-DL70
K6T1008C2C-DB55
K6T1008C2C-DB70
K6T1008C2C-GL55
K6T1008C2C-GL70
K6T1008C2C-GB55
K6T1008C2C-GB70
K6T1008C2C-TB55
K6T1008C2C-TB70
K6T1008C2C-RB55
K6T1008C2C-RB70
32-DIP, 55ns, L-pwr
32-DIP, 70ns, L-pwr
32-DIP, 55ns, LL-pwr
32-DIP, 70ns, LL-pwr
32-SOP, 55ns, L-pwr
32-SOP, 70ns, L-pwr
32-SOP, 55ns, LL-pwr
32-SOP, 70ns, LL-pwr
32-TSOP1-F, 55ns, LL-pwr
32-TSOP1-F, 70ns, LL-pwr
32-TSOP1-R, 55ns, LL-pwr
32-TSOP1-R, 70ns, LL-pwr
K6T1008C2C-GP70
K6T1008C2C-GF70
K6T1008C2C-TF70
K6T1008C2C-RF70
32-SOP, 70ns, L-pwr
32-SOP, 70ns, LL-pwr
32-TSOP1-F, 70ns, LL-pwr
32-TSOP1-R, 70ns, LL-pwr
FUNCTIONAL DESCRIPTION
1. X means don
′t care(Must be in high or low status.)
CS1
CS2
OE
WE
I/O Pin
Mode
Power
H
X1)
X1)
X1)
High-Z
Deselected
Standby
X1)
L
X1)
X1)
High-Z
Deselected
Standby
L
H
H
H
High-Z
Output Disable
Active
L
H
L
H
Dout
Read
Active
L
H
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 to 7.0
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.5 to 7.0
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
K6T1008C2C-L
-40 to 85
°C
K6T1008C2C-P
Soldering temperature and time
TSOLDER
260
°C, 10sec (Lead Only)
-
-


Similar Part No. - K6T1008C2C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-B SAMSUNG-K6T1008C2E-B Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DB55 SAMSUNG-K6T1008C2E-DB55 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DB70 SAMSUNG-K6T1008C2E-DB70 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-DL55 SAMSUNG-K6T1008C2E-DL55 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008C2C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com