Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1004V1D-KI08 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6R1004V1D-KI08
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004V1D-KI08 Datasheet(HTML) 4 Page - Samsung semiconductor

  K6R1004V1D-KI08 Datasheet HTML 1Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 2Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 3Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 4Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 5Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 6Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 7Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 8Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 4 -
July 2004
PRELIMINARY
K6R1004V1D
CMOS SRAM
for AT&T
RECOMMENDED DC OPERATING CONDITIONS(TA=0 to 70°C)
* VIL(Min) = -2.0V a.c (Pulse Width
≤ 8ns) for I ≤ 20mA.
** VIH(Max) = VCC + 2.0V a.c (Pulse Width
≤ 8ns) for I ≤ 20mA.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.0
3.3
3.6
V
Ground
VSS
00
0
V
Input High Voltage
VIH
2.0
-
VCC+0.3**
V
Input Low Voltage
VIL
-0.3*
-
0.8
V
CAPACITANCE*(TA=25°C, f=1.0MHz)
* Capacitance is sampled and not 100% tested.
Item
Symbol
Test Conditions
TYP
Max
Unit
Input/Output Capacitance
CI/O
VI/O=0V
-
8
pF
Input Capacitance
CIN
VIN=0V
-
6
pF
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 4.6
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 4.6
V
Power Dissipation
Pd
1W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TA
0 to 70
°C
Industrial
TA
-40 to 85
°C
DC AND OPERATING CHARACTERISTICS*(TA=0 to 70°C, Vcc=3.3±0.3V, unless otherwise specified)
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN=VSS to VCC
-2
2
µA
Output Leakage Current
ILO
CS=VIH or OE=VIH or WE=VIL
VOUT=VSS to VCC
-2
2
µA
Operating Current
ICC
Min. Cycle, 100% Duty
CS=VIL, VIN=VIH or VIL, IOUT=0mA
Com.
8ns
-
80
mA
10ns
-
65
Ind.
8ns
-
90
10ns
-
75
Standby Current
ISB
Min. Cycle, CS=VIH
-20
mA
ISB1
f=0MHz, CS
≥VCC-0.2V,
VIN
≥VCC-0.2V or VIN≤0.2V
-5
Output Low Voltage Level
VOL
IOL=8mA
-
0.4
V
Output High Voltage Level
VOH
IOH=-4mA
2.4
-
V


Similar Part No. - K6R1004V1D-KI08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004V1D-KI08 SAMSUNG-K6R1004V1D-KI08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1004V1D-KI08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com