Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G32DBVTE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AUP1G32DBVTE4
Description  LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G32DBVTE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP1G32DBVTE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G32DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN74AUP1G32
LOW POWER SINGLE 2INPUT POSITIVEOR GATE
SCES580C – JUNE 2004 – REVISED JUNE 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65
× VCC
V
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.6
V
VCC = 3 V to 3.6 V
2
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35
× VCC
V
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 3 V to 3.6 V
0.9
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
−20
µA
VCC = 1.1 V
−1.1
IOH†
High-level output current
VCC = 1.4 V
−1.7
IOH†
High-level output current
VCC = 1.65 V
−1.9
mA
VCC = 2.3 V
−3.1
mA
VCC = 3 V
−4
VCC = 0.8 V
20
µA
VCC = 1.1 V
1.1
IOL†
Low-level output current
VCC = 1.4 V
1.7
IOL†
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
mA
VCC = 3 V
4
∆t/∆v
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
−40
85
°C
Defined by the signal-integrity requirements and design-goal priorities
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74AUP1G32DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G32DBVTE4 TI-SN74AUP1G32DBVTE4 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - SN74AUP1G32DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI1-SN74AUP1G32_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Single 2-Input Positive-OR Gate
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com