Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4503DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4503DY
Description  N- and P-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4503DY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4503DY Datasheet HTML 1Page - Vishay Siliconix SI4503DY Datasheet HTML 2Page - Vishay Siliconix SI4503DY Datasheet HTML 3Page - Vishay Siliconix SI4503DY Datasheet HTML 4Page - Vishay Siliconix SI4503DY Datasheet HTML 5Page - Vishay Siliconix SI4503DY Datasheet HTML 6Page - Vishay Siliconix SI4503DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si4503DY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71770
S-20894—Rev. B, 17-Jun-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
VDS = VGS, ID = 250 mA
N-Ch
0.8
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
N-Ch
P-Ch
–0.45
V
VDS = 0 V, VGS = "20 V
N-Ch
"100
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
N-Ch
P-Ch
"100
nA
VDS = 24 V, VGS = 0 V
N-Ch
1
VDS = –6.4 V, VGS = 0 V
N-Ch
P-Ch
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 55_C
N-Ch
5
mA
VDS = –6.4 V, VGS = 0 V, TJ = 55_C
N-Ch
P-Ch
–5
VDS = 5 V, VGS = 10 V
N-Ch
30
On-State Drain Currentb
ID(on)
VDS = –5 V, VGS = –4.5 V
N-Ch
P-Ch
–20
A
VGS = 10 V, ID = 8.8 A
N-Ch
0.015
0.018
VGS = –4.5 V, ID = –4.5 A
N-Ch
P-Ch
0.034
0.042
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 4.5 V, ID = 7.2 A
N-Ch
0.022
0.027
W
VGS = –2.5 V, ID = –3.7 A
N-Ch
P-Ch
0.048
0.060
VDS = 15 V, ID = 8.8 A
N-Ch
20
Forward Transconductanceb
gfs
VDS = –15 V, ID = –4.5 A
N-Ch
P-Ch
13
S
IS = 2.0 A, VGS = 0 V
N-Ch
0.71
1.1
Diode Forward Voltageb
VSD
IS = –1.2 A, VGS = 0 V
N-Ch
P-Ch
–0.70
–1.1
V
Dynamica
N-Ch
14.5
20
Total Gate Charge
Qg
N-Ch
P-Ch
15
25
N-Channel
VDS = 15 V, VGS = 5 V, ID = 8.8 A
N-Ch
3.3
Gate-Source Charge
Qgs
P-Channel
N-Ch
P-Ch
3.0
nC
P-Channel
VDS = –4 V, VGS = –5 V, ID = –4.5 A
N-Ch
6.6
Gate-Drain Charge
Qgd
N-Ch
P-Ch
2.0
N-Ch
13
20
Turn-On Delay Time
td(on)
N-Ch
P-Ch
20
40
N-Channel
VDD = 15 V, RL = 15 W
N-Ch
9
18
Rise Time
tr
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
N-Ch
P-Ch
50
100
P-Channel
W
N-Ch
35
50
Turn-Off Delay Time
td(off)
VDD = –4 V, RL = 4 W
I
^ –1 A, V
= –4.5 V, R = 6
W
N-Ch
P-Ch
110
220
ns
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
N-Ch
17
30
Fall Time
tf
N-Ch
P-Ch
60
120
m
N-Ch
35
70
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
N-Ch
P-Ch
60
100
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.


Similar Part No. - SI4503DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4500BDY VISHAY-SI4500BDY Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
SI4500BDY VISHAY-SI4500BDY Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500BDY VISHAY-SI4500BDY Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4500BDY-E3 VISHAY-SI4500BDY-E3 Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
SI4500BDY-T1 VISHAY-SI4500BDY-T1 Datasheet
78Kb / 8P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 26-Jul-04
More results

Similar Description - SI4503DY

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI4505DY KEXIN-KI4505DY Datasheet
57Kb / 2P
   N- and P-Channel MOSFET
logo
Vishay Siliconix
SI4505DY VISHAY-SI4505DY Datasheet
65Kb / 8P
   N- and P-Channel MOSFET
Rev. A, 17-Jun-02
logo
Guangdong Kexin Industr...
KI4503DY KEXIN-KI4503DY Datasheet
57Kb / 2P
   N- and P-Channel MOSFET
logo
Shanghai Leiditech Elec...
LM6L3PN02 LEIDITECH-LM6L3PN02 Datasheet
2Mb / 6P
   N-Channel and P-Channel MOSFET
LM6T20V3 LEIDITECH-LM6T20V3 Datasheet
1Mb / 6P
   N-Channel and P-Channel MOSFET
logo
Vishay Siliconix
SI4505DY-T1 VISHAY-SI4505DY-T1 Datasheet
279Kb / 12P
   N- and P-Channel MOSFET
Rev. C, 18-May-09
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
International Rectifier
IRF7343PBF IRF-IRF7343PBF_15 Datasheet
225Kb / 10P
   DUAL N AND P CHANNEL MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
   N-Ch and P-Channel MOSFET
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
   Complementary (N- and P-Channel) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com