Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9755701HPA Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 5962-9755701HPA
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9755701HPA Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 5962-9755701HPA Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5962-9755701HPA Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Figure 15. Output Supply Current vs.
Input Voltage.
Figure 16. Common Mode Rejection Test Circuit.
Figure 17. Input and Output Supply
Current vs. Temperature.
Figure 18. Propagation Delay, Rise/Fall Time and Bandwidth Test Circuit.
VIN+ – INPUT VOLTAGE – V
10.0
-0.2
0
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
8.0
-0.4
0.4
0.2
9.0
TA = 25°C
9.5
8.5
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7850
5
2
4
2 K
2 K
78L05
+15 V
0.1 µF
0.1 µF
-15 V
+
MC34081
150
pF
IN OUT
0.1
µF
0.1
µF
9 V
PULSE GEN.
VCM
+
10 K
10 K
150 pF
TA – TEMPERATURE – °C
10
5
20
20
0
15
IDD1
-60
140
IDD2
VDD1 = 5 V
VDD2 = 5 V
VIN+ = 320 mV
VIN– = 0 V
-20
60
100
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7850
5
2
4
2 K
2 K
+15 V
0.1 µF
0.1 µF
-15 V
+
MC34081
0.1 µF
10 K
10 K
0.01 µF
VDD1
VIN
VIN IMPEDANCE LESS THAN 10 Ω.


Similar Part No. - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-97557 AVAGO-5962-97557 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
5962-97557 BOARDCOM-5962-97557 Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - 5962-9755701HPA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com