Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS71024U-9 Datasheet(PDF) 4 Page - GSI Technology

Part # GS71024U-9
Description  64K x 24 1.5Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024U-9 Datasheet(HTML) 4 Page - GSI Technology

  GS71024U-9 Datasheet HTML 1Page - GSI Technology GS71024U-9 Datasheet HTML 2Page - GSI Technology GS71024U-9 Datasheet HTML 3Page - GSI Technology GS71024U-9 Datasheet HTML 4Page - GSI Technology GS71024U-9 Datasheet HTML 5Page - GSI Technology GS71024U-9 Datasheet HTML 6Page - GSI Technology GS71024U-9 Datasheet HTML 7Page - GSI Technology GS71024U-9 Datasheet HTML 8Page - GSI Technology GS71024U-9 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
4/13
© 1999, GSI Technology
Notes:
1. Input overshoot voltage should be less than VDD + 2 V and not exceed 20 ns.
2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns.
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Supply Voltage for -10/12/15
VDD
3.0
3.3
3.6
V
Supply Voltage for -8
VDD
3.135
3.3
3.6
V
Input High Voltage
VIH
2.0
VDD + 0.3
V
Input Low Voltage
VIL
–0.3
0.8
V
Ambient Temperature,
Commercial Range
TAc
0—
70
oC
Ambient Temperature,
Industrial Range
TAi
–40
85
oC
Capacitance
Parameter
Symbol
Test Condition
Maximum
Unit
Input Capacitance
CIN
VIN = 0 V
5pF
I/O Capacitance
COUT
VOUT = 0 V
7pF
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Minimum
Maximum
Input Leakage Current
IIL
VIN = 0 to VDD
–1uA
1uA
Output Leakage Current
IOL
Output High Z, VOUT = 0
to VDD
–1uA
1uA
Output High Voltage
VOH
IOH = –4mA
2.4
Output Low Voltage
VOL
IOL = +4mA
—0.4 V


Similar Part No. - GS71024U-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS71108AGJ-10 ETC2-GS71108AGJ-10 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-10I ETC2-GS71108AGJ-10I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12 ETC2-GS71108AGJ-12 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12I ETC2-GS71108AGJ-12I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-7 ETC2-GS71108AGJ-7 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results

Similar Description - GS71024U-9

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
STMicroelectronics
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
logo
Taiwan Memory Technolog...
T35L6464A TMT-T35L6464A Datasheet
160Kb / 16P
   64K x 64 SRAM???
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
   64K x 32 SRAM?
logo
Micron Technology
MT5C6401 MICRON-MT5C6401 Datasheet
128Kb / 11P
   64K x 1 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com