Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14014BDR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14014BDR2G
Description  8-Bit Static Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14014BDR2G Datasheet(HTML) 6 Page - ON Semiconductor

  MC14014BDR2G Datasheet HTML 1Page - ON Semiconductor MC14014BDR2G Datasheet HTML 2Page - ON Semiconductor MC14014BDR2G Datasheet HTML 3Page - ON Semiconductor MC14014BDR2G Datasheet HTML 4Page - ON Semiconductor MC14014BDR2G Datasheet HTML 5Page - ON Semiconductor MC14014BDR2G Datasheet HTML 6Page - ON Semiconductor MC14014BDR2G Datasheet HTML 7Page - ON Semiconductor MC14014BDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14014B, MC14021B
http://onsemi.com
6
Figure 4. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR 1
PULSE
GENERATOR 2
VDD
1
2
2
2
11
VDD
VSS
SW 1
SW 2
CL
Q8
Q7
Q6
P/S
C
P6
P7
P8
DS
P5
P4
P3
P2
P1
VDD
VSS
VDD
VSS
VOH
VOL
20 ns
20 ns
PARALLEL OR
SERIAL DATA
INPUT
CLOCK OR P/S
INPUT
Q
OUTPUT
90%
50%
10%
tsu
tWH
tTHL
90%
50%
10%
tWH
tWL
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
tWL = tWH = 50% DUTY CYCLE
SWITCH POSITION 1 = PARALLEL IN
SWITCH POSITION 2 = SERIAL IN
ORDERING INFORMATION
Device
Package
Shipping
MC14014BCP
PDIP−16
500 Units / Rail
MC14014BCPG
PDIP−16
(Pb−Free)
500 Units / Rail
MC14014BD
SOIC−16
48 Units / Rail
MC14014BDG
SOIC−16
(Pb−Free)
48 Units / Rail
MC14014BDR2
SOIC−16
2500 Units / Tape & Reel
MC14014BDR2G
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
MC14014BF
SOEIAJ−16
50 Units / Rail
MC14014BFEL
SOEIAJ−16
2000 Units / Tape & Reel
MC14021BCP
PDIP−16
500 Units / Rail
MC14021BCPG
PDIP−16
(Pb−Free)
500 Units / Rail
MC14021BD
SOIC−16
48 Units / Rail
MC14021BDG
SOIC−16
(Pb−Free)
48 Units / Rail
MC14021BDR2
SOIC−16
2500 Units / Tape & Reel
MC14021BDR2G
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
MC14021BF
SOEIAJ−16
50 Units / Rail
MC14021BFEL
SOEIAJ−16
2000 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC14014BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14014BDR2G ONSEMI-MC14014BDR2G Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
More results

Similar Description - MC14014BDR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
logo
NXP Semiconductors
HEF4014BT653 PHILIPS-HEF4014BT653 Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4014B NEXPERIA-HEF4014B Datasheet
216Kb / 12P
   8-bit static shift register
Rev. 11 - 24 November 2021
logo
Rohm
BU4021B ROHM-BU4021B Datasheet
59Kb / 5P
   8-bit static shift register
logo
NXP Semiconductors
HEF4014B NXP-HEF4014B Datasheet
105Kb / 14P
   8-bit static shift register
Rev. 8-21 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com