Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14027BFEL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14027BFEL
Description  Dual J-K Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14027BFEL Datasheet(HTML) 5 Page - ON Semiconductor

  MC14027BFEL Datasheet HTML 1Page - ON Semiconductor MC14027BFEL Datasheet HTML 2Page - ON Semiconductor MC14027BFEL Datasheet HTML 3Page - ON Semiconductor MC14027BFEL Datasheet HTML 4Page - ON Semiconductor MC14027BFEL Datasheet HTML 5Page - ON Semiconductor MC14027BFEL Datasheet HTML 6Page - ON Semiconductor MC14027BFEL Datasheet HTML 7Page - ON Semiconductor MC14027BFEL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14027B
http://onsemi.com
5
Figure 1. Dynamic Signal Waveforms
(J, K, Clock, and Output)
Figure 2. Dynamic Signal Waveforms
(Set, Reset, Clock, and Output)
20 ns
20 ns
VDD
VSS
VDD
VSS
VDD
VSS
VOH
VOL
90%
50%
10%
20 ns
20 ns
tsu
90%
50%
10%
tsu
th
20 ns
20 ns
90%
50%
10%
tWL
tWH
1
fcl
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
Q
C
K
J
Inputs R and S low.
For the measurement of tWH, I/fcl, and PD
the Inputs J and K are kept high.
20 ns
20 ns
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
trem
tw
20 ns
20 ns
90%
50%
10%
tw
tPLH
tPHL
50%
Q or Q
CLOCK
SET OR
RESET
LOGIC DIAGRAM
(1/2 of Device Shown)
S
J
K
R
CC
C
C
C
C
C
C
C
C
C
Q
Q


Similar Part No. - MC14027BFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14027BFEL ONSEMI-MC14027BFEL Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
MC14027BFELG ONSEMI-MC14027BFELG Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
More results

Similar Description - MC14027BFEL

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
   Dual J-K Flip-Flop
logo
Hitachi Semiconductor
HD14027B HITACHI-HD14027B Datasheet
79Kb / 7P
   Dual J-K Flip Flop
logo
Motorola, Inc
MC14027B MOTOROLA-MC14027B Datasheet
213Kb / 6P
   Dual J-K Flip-Flop
logo
List of Unclassifed Man...
MC524 ETC1-MC524 Datasheet
297Kb / 6P
   DUAL J-K FLIP-FLOP
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B_14 Datasheet
103Kb / 6P
   Dual J-K Flip-Flop
August, 2014 ??Rev. 8
logo
Motorola, Inc
MC74HC73 MOTOROLA-MC74HC73 Datasheet
170Kb / 5P
   Dual J-K Flip-Flop with Reset
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com