Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8419V-80 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8419V-80
Description  64k, 256k Dynamic RAM Controller/Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8419V-80 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP8419V-80 Datasheet HTML 7Page - National Semiconductor (TI) DP8419V-80 Datasheet HTML 8Page - National Semiconductor (TI) DP8419V-80 Datasheet HTML 9Page - National Semiconductor (TI) DP8419V-80 Datasheet HTML 10Page - National Semiconductor (TI) DP8419V-80 Datasheet HTML 11Page - National Semiconductor (TI) DP8419V-80 Datasheet HTML 12Page - National Semiconductor (TI) DP8419V-80 Datasheet HTML 13Page - National Semiconductor (TI) DP8419V-80 Datasheet HTML 14Page - National Semiconductor (TI) DP8419V-80 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DP8419 Mode Descriptions (Continued)
MODE 1 – AUTOMATIC FORCED REFRESH
In Mode 1 the RC (RFCK) pin becomes RFCK (refresh
cycle clock) and the CASIN (RGCK) pin becomes RGCK
(RAS generator clock) If RFCK is high and Mode 1 is en-
tered then the chip operates as if in MODE 0 (externally
controlled refresh) with all RAS outputs following RASIN
This feature of Mode 1 may be useful for those who want to
use Mode 5 (automatic access) with externally controlled
refresh By holding RFCK permanently high one need only
toggle M2 (RFSH) to switch from Mode 5 to external re-
fresh As with Mode 0 RFIO may be pulled low by an ex-
ternal gate to reset the refresh counter
When using Mode 1 as automatic refresh RFCK must be an
input clock signal One refresh should occur each period of
RFCK If no refresh is performed while RFCK is high then
when RFCK goes low RFIO immediately goes low to indi-
cate that a refresh is requested (RFIO may still be used to
reset the refresh counter even though it is also used as a
refresh request pin however an open-collector gate should
be used to reset the counter in this case since RFIO is
forced low internally for a request)
After receiving the refresh request the system must allow a
forced refresh to take place while RFCK is low External
logic can monitor RFRQ (RFIO) so that when RFRQ goes
low this logic will wait for the access currently in progress to
be completed before pulling M2 (RFSH) low to put the
DP8419 in mode 1 If no access is taking place when RFRQ
occurs then M2 may immediately go low Once M2 is low
the refresh counter contents appear at the address outputs
and RAS is generated to perform the refresh
An external clock on RGCK is required to derive the refresh
RAS signals On the second falling edge of RGCK after M2
is low all RAS lines go low They remain low until two more
falling edges of RGCK Thus RAS remains high for one to
two periods of RGCK after M2 goes low and stays low for
two periods In order to obtain the minimum delay from M2
going low to RAS going low M2 should go low tRFSRG be-
fore the falling edge of RGCK
TLF8396 – 11
j
RFCK goes low
k
RFRQ goes low if no hidden refresh
occurred while RFCK was high
l
Next RASIN starts next access
m
m
P acknowledges refresh request
n
Forced refresh RAS starts after l T
(l tRP)
o
Forced refresh RAS ends RFRQ
p
m
P removes refresh acknowledge
FIGURE 3 DP8419 Performing a Forced Refresh (Mode 5
x1x5) with Various Microprocessors
11


Similar Part No. - DP8419V-80

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8410NS 3M-DP8410NS Datasheet
141Kb / 7P
   Scotch-Weld??Acrylic Adhesives
More results

Similar Description - DP8419V-80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8203 INTEL-8203 Datasheet
847Kb / 16P
   64K DYNAMIC RAM CONTROLLER
logo
National Semiconductor ...
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8428 NSC-DP8428 Datasheet
523Kb / 26P
   1 Megabit High Speed Dynamic RAM Controller/Drivers
logo
Texas Instruments
THCT4502B TI-THCT4502B Datasheet
127Kb / 2P
[Old version datasheet]   DYNAMIC RAM CONTROLLER
logo
NTE Electronics
NTE6664 NTE-NTE6664 Datasheet
39Kb / 5P
   Integrated Circuit 64K-Bit Dynamic RAM
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Siemens Semiconductor G...
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
logo
Sharp Corporation
LH6V4256 SHARP-LH6V4256 Datasheet
198Kb / 18P
   CMOS 1M (256K x 4) Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com