Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1N4730A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TC1N4730A
Description  1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC1N4730A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TC1N4730A Datasheet HTML 1Page - List of Unclassifed Manufacturers TC1N4730A Datasheet HTML 2Page - List of Unclassifed Manufacturers TC1N4730A Datasheet HTML 3Page - List of Unclassifed Manufacturers TC1N4730A Datasheet HTML 4Page - List of Unclassifed Manufacturers TC1N4730A Datasheet HTML 5Page - List of Unclassifed Manufacturers TC1N4730A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
March 2003 / B
Page 2
TAK CHEONG
®
SEMICONDUCTOR
Electrical Characteristics
TA = 25°C unless otherwise noted
Device
Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
TC1N4749A
24
10.5
25
0.25
750
5
18.2
TC1N4750A
27
9.5
35
0.25
750
5
20.6
TC1N4751A
30
8.5
40
0.25
1000
5
22.8
TC1N4752A
33
7.5
45
0.25
1000
5
25.1
TC1N4753A
36
7
50
0.25
1000
5
27.4
TC1N4754A
39
6.5
60
0.25
1000
5
29.7
TC1N4755A
43
6
70
0.25
1500
5
32.7
TC1N4756A
47
5.5
80
0.25
1500
5
35.8
TC1N4757A
51
5
95
0.25
1500
5
38.8
TC1N4758A
56
4.5
110
0.25
2000
5
42.6
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
Notes:
1.
The device numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong’s representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Electrical Symbol Definition
Typical Characteristics
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Breakdown Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Ordering Information
Device
Package
Quantity
TC1N47xxA
Bulk
5,000
TC1N47xxA.TB
Tape and Ammo
3,000
TC1N47xxA.TR
Tape and Reel
5,000
TC1N47xxA
Others (…contact Tak Cheong sales representatives)
Axial-Lead Tape Packaging Standards
This axial-lead component’s packaging requirements use in automatic testing and assembly equipment. And this standard practices for
lead-tape packaging of axial-lead components meets the requirements of EIA Standard RS-296-D “Lead-taping of Components on Axial
Lead Configuration for Automatic Insertion”.
V
I
(mV)
(V)
(mA)
(mA)
VF
IF
VR
IR
VZ
IZT
(nA)


Similar Part No. - TC1N4730A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TC1N4730A TAK_CHEONG-TC1N4730A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4730A TAK_CHEONG-TC1N4730A Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TC1N4730A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com