Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C3128804VAT8 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V54C3128804VAT8
Description  HIGH PERFORMANCE 143/133/125MHz 3.3 VOLT 16M X 8 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 8
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C3128804VAT8 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V54C3128804VAT8 Datasheet HTML 1Page - Mosel Vitelic, Corp V54C3128804VAT8 Datasheet HTML 2Page - Mosel Vitelic, Corp V54C3128804VAT8 Datasheet HTML 3Page - Mosel Vitelic, Corp V54C3128804VAT8 Datasheet HTML 4Page - Mosel Vitelic, Corp V54C3128804VAT8 Datasheet HTML 5Page - Mosel Vitelic, Corp V54C3128804VAT8 Datasheet HTML 6Page - Mosel Vitelic, Corp V54C3128804VAT8 Datasheet HTML 7Page - Mosel Vitelic, Corp V54C3128804VAT8 Datasheet HTML 8Page - Mosel Vitelic, Corp V54C3128804VAT8 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
MOSEL VITELIC
V54C3128804VAT
3
V54C3128804VAT Rev. 1.4 November 2000
Capacitance*
TA = 0 to 70°C, VCC = 3.3 V ± 0.3 V, f = 1 Mhz
*Note:Capacitance is sampled and not 100% tested.
Absolute Maximum Ratings*
Operating temperature range .................. 0 to 70
°C
Storage temperature range ................-55 to 150
°C
Input/output voltage.................. -0.3 to (VCC+0.3) V
Power supply voltage .......................... -0.3 to 4.6 V
Power dissipation ..............................................1 W
Data out current (short circuit).......................50 mA
*Note:
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage of the device.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Symbol
Parameter
Max. Unit
CI1
Input Capacitance (A0 to A11)
3.8
pF
CI2
Input Capacitance
RAS, CAS, WE, CS, CLK, CKE, DQM
3.8
pF
CIO
Output Capacitance (I/O)
6
pF
CCLK
Input Capacitance (CLK)
3.5
pF
Block Diagram
Row decoder
Memory array
Bank 0
4096 x 1024
x 8 bit
Row decoder
Memory array
Bank 1
4096 x 1024
x 8 bit
Row decoder
Memory array
Bank 2
4096 x 1024
x 8 bit
Row decoder
Memory array
Bank 3
4096 x 1024
x 8 bit
Input buffer
Output buffer
I/O1-I/O8
Column address
counter
Column address
buffer
Row address
buffer
Refresh Counter
A0 - A11, BA0, BA1
A0 - A9, AP, BA0, BA1
Control logic & timing generator
Row Addresses
Column Addresses


Similar Part No. - V54C3128804VAT8

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3128804VBGA MOSEL-V54C3128804VBGA Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
More results

Similar Description - V54C3128804VAT8

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365404VD MOSEL-V54C365404VD Datasheet
799Kb / 54P
   HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 16M X 4 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 4
V54C365804VD MOSEL-V54C365804VD Datasheet
798Kb / 54P
   HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
V54C365804VC MOSEL-V54C365804VC Datasheet
453Kb / 54P
   HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
V58C265404S MOSEL-V58C265404S Datasheet
391Kb / 44P
   HIGH PERFORMANCE 2.5 VOLT 16M X 4 DDR SDRAM 4 BANKS X 4Mbit X 4
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
logo
Samsung semiconductor
K4S560432D SAMSUNG-K4S560432D Datasheet
121Kb / 11P
   16M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
VDS6608A4A A-DATA-VDS6608A4A Datasheet
521Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com