Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8509 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8509
Description  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8509 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS8509 Datasheet HTML 1Page - Burr-Brown (TI) ADS8509 Datasheet HTML 2Page - Burr-Brown (TI) ADS8509 Datasheet HTML 3Page - Burr-Brown (TI) ADS8509 Datasheet HTML 4Page - Burr-Brown (TI) ADS8509 Datasheet HTML 5Page - Burr-Brown (TI) ADS8509 Datasheet HTML 6Page - Burr-Brown (TI) ADS8509 Datasheet HTML 7Page - Burr-Brown (TI) ADS8509 Datasheet HTML 8Page - Burr-Brown (TI) ADS8509 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ADS8509
SLAS324A – OCTOBER 2004 – REVISED JUNE 2005
ELECTRICAL CHARACTERISTICS (continued)
At T
A = -40°C to 85°C, fs = 250 kHz, VDIG = VANA = 5 V, using internal reference and 0.1%, 0.25 W fixed resistors (See
Figure 29 and Figure 30) (unless otherwise specified)
ADS8509I
ADS8509IB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
REFERENCE
Internal reference voltage
No load
2.48
2.5
2.52
2.48
2.5
2.52
V
Internal reference source current
1
1
µA
(must use external buffer)
Internal reference drift
8
8
ppm/°C
External reference voltage range
2.3
2.5
2.7
2.3
2.5
2.7
V
for specified linearity
External reference current drain
Ext. 2.5-V Ref.
100
100
µA
DIGITAL INPUTS
Logic levels
VIL
Low-level input voltage
-0.3
0.8
-0.3
0.8
V
VIH
High-level input voltage
2.0
VDIG +0.3 V
2.0
VDIG +0.3 V
V
IIL
Low-level input current
VIL = 0 V
±10
±10
µA
IIH
High-level input current
VIH = 5 V
±10
±10
µA
DIGITAL OUTPUTS
Data format (Serial 16-bits)
Data coding (Binary 2's comp-
lement or straight binary)
Pipeline delay (Conversion re-
sults only available after com-
pleted conversion.)
Data clock (Selectable for
internal or external data clock)
Internal clock (output only when
EXT/INT Low
9
9
MHz
transmitting data)
External clock (can run continu-
EXT/INT High
0.1
26
0.1
26
ally but not recommended for
MHz
optimum performance)
VOL
Low-level output voltage
ISINK = 1.6 mA
0.4
0.4
V
VOH
High-level output voltage
ISOURCE = 500 µA
4
4
V
Leakage current
Hi-Z state,
±5
±5
µA
VOUT = 0 V to VDIG
Output capacitance
Hi-Z state
15
15
pF
POWER SUPPLIES
VDIG
Digital input voltage
4.75
5
5.25
4.75
5
5.25
V
VANA
Analog input voltage
4.75
5
5.25
4.75
5
5.25
V
Must be
≤ V
ANA
IDIG
Digital input current
4
4
mA
IANA
Analog input current
10
10
mA
POWER DISSIPATION
PWRD Low
fS = 250 kHz
70
100
70
100
mW
PWRD High
50
50
µW
TEMPERATURE RANGE
Specified performance
-40
85
-40
85
°C
Derated performance(9)
-55
125
-55
125
°C
Storage
-65
150
-65
150
°C
THERMAL RESISTANCE (
Θ
JA)
SSOP
62
62
°C/W
SO
46
46
°C/W
(9)
The internal reference may not be started correctly beyond the industrial temperature range (-40°C to 85°C), therefore use of an
external reference is recommended.
4


Similar Part No. - ADS8509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8509 TI1-ADS8509 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509HDB TI1-ADS8509HDB Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDB TI1-ADS8509IBDB Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDBG4 TI1-ADS8509IBDBG4 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com