Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM0330 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMM0330
Description  824 to 928 MHz 3V, 30.5 dBm Multi-Mode Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMM0330 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMM0330 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM0330 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM0330
Features
t Multi-Mode Operation from 3V Supply
t 40% Linear Power Added Efficiency
t 30 dBm with 55% Power Added Efficiency
t Low Cost, SO-8 Surface Mount Package
t 39 dB Gain
t Tested Under Digital Modulation
Applications
t IS-136/AMPS Cellular Handsets
t 900 MHz ISM Band Products
t Wireless Local Loop Subscriber Terminals
Description
The CMM0330 is a highly efficient 3 V, multi-mode
power amplifier intended for use in portable cellular handsets
and datacom products operating in the AMPS and 902-928 MHz
bands. As a pin-compatible member of the new Triniti DX™
amplifier family, the CMM0330 offers maximum performance
and flexibility. The CMM0330 is packaged in a low-cost,
space efficient SO-8 power package that gives excellent elec-
trical stability and thermal handling performance with a RΘ of
less than 18° C/W. The part is designed to require minimal
external circuitry for bias matching, simplifying design and
keeping board space and cost to a minimum.
824 to 928 MHz
3V, 30.5 dBm Multi-Mode
Power Amplifier
Advanced Product Information
September 1996
(1 of 2)
Back plane is ground and
must be soldered to thermally
conductive ground plane.
Vg2 4
RF IN 1
Vg1 3
GND 2
6 RF OUT/Vd3
5 RF OUT/Vd3
8 Vd1
7 Vd2
Functional Block Diagram
Digital Bias
Analog Bias
Parameter
Condition
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
824
928
824
928
MHz
Pout - Digital Operation
Meets IS-136 TDMA mask
28.5
30.0
dBm
Pout - Analog Operation
AMPS
30.0
30.5
dBm
Efficiency
Digital cellular operation
35
40
50
55
%
Gain
36
39
36
39
dB
Harmonics
2nd @ Pout = +30.5 dBm
-30
dBc
3rd @ Pout = +30.5 dBm
-30
dBc
Return Loss
In Celeritek test fixture
10
10
dB
Negative Supply Current
1
3
mA
Supply Current
500
500
mA
Quiescent Current
No RF
450
450
mA
Electrical Characteristics
Unless otherwise specified the following specifications are guaranteed at room temperature with drain voltage (+Vd) = 3.6 V, in Celeritek test fixture.
Recommended Operating Conditions
Parameter
Typ
Units
Parameter
Typ
Units
Drain Voltage (+Vd)
3.0 to 4.0
Volts
Operating Temperature (PC Board)
-30 to +80
°C
Absolute Maximum Ratings
Parameter
Rating
Parameter
Rating
Parameter
Rating
Drain Voltage (+Vd)
+9.0 V*
Power Dissipation
5 W
Operating Temperature
-40°C to +100°C
Drain Current (Id)
1.8 A
Thermal Resistance
18°C/W
Channel Temperature
175°C
RF Input Power
+15 dBm*
Storage Temperature
-65°C to +150°C
Soldering Temperature
260°C for 5 Sec.
DC Gate Voltage (-Vg)
-4.0 V*
* Max (+Vd) and (-Vg) under linear operation. Max potential difference across the device in RF compression (2Vd + |-Vg|) not to exceed the minimum breakdown voltage (Vbr) of +18V.


Similar Part No. - CMM0330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
CMM0335-AK ETC-CMM0335-AK Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
CMM0335-AK-000T ETC-CMM0335-AK-000T Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
More results

Similar Description - CMM0330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHP0230-PM ETC-CHP0230-PM Datasheet
414Kb / 4P
   824 to 849 MHz 28.5 dBm, Cellular InGaP HBT Amplifier Module
logo
Guerrilla RF, Inc.
GRF5610 GUERRILLA-GRF5610 Datasheet
1Mb / 18P
   HIGH LINEARITY POWER AMPLIFIER 865 to 928 MHz
December 7, 2022
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
   Power Amplifier Module for CDMA (824 MHz??49 MHz)
logo
List of Unclassifed Man...
CMM1330 ETC1-CMM1330 Datasheet
34Kb / 2P
   1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier
logo
Guerrilla RF, Inc.
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
   30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
logo
Stealth Microwave, Inc.
SM08290-41L STEALTH_MICROWAVE-SM08290-41L Datasheet
137Kb / 3P
   824-894 MHz 12 Watt Linear Power Amplifier
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
   890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
   902-928 MHz Class A/AB 15W Power Amplifier Module
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com