Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6750A Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT6750A
Description  Date Printer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6750A Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT6750A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6750A Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LCD segment format
HT6750A
Rev. 1.00
6
January 17, 2003
· When digit is set, the MODE key can interrupt the set-
ting mode and change to the next mode.
Real time clock must count at any time even in change
mode or adjusting mode.
IN 3-key application, connect SWK to VSS and SEL.
Press the switch MODE to change the mode as
shown on the chart below, press SEL to select reset-
ting data, press SET key to adjust the selected data.
To select digit, press selection key (
²SEL² key), ²¾²
mark is OFF during selection.
· At calendar mode, no matter what style calendar is
displayed. The sequence of selected digit is always
²Year®Month®Day®Normal² state. The selected
digit will blink at a 2Hz rate.
· At time mode, Day is not selected. The sequence of
the selected digit is
²Hour®Minute®Normal² state.
M O D E
M
' 9 9 1 2 3 0
S E L
M
' 9 9 1 2 3 0
S E L
M
' 9 9 1 2 3 0
M
' 9 9 1 2 3 0
S E L
S E L
M O D E
M
3 0 1 9 : 3 6
S E L
3 0 1 9 : 3 6
S E L
S E L
S E L
M O D E
3 0 1 9 : 3 6
3 0 1 9 : 3 6
I f p r e s s S E T k e y w i l l r e s e t s e c o n d t o z e r o .
M O D E
M
1 2 3 0 ' 9 9
S E L
M
1 2 3 0 ' 9 9
S E L
M
1 2 3 0 ' 9 9
M
1 2 3 0 ' 9 9
S E L
S E L
M O D E
M
3 0 1 2 ' 9 9
S E L
M
3 0 1 2 ' 9 9
S E L
M
3 0 1 2 ' 9 9
S E L
M
3 0 1 2 ' 9 9
S E L
T o i n c r e a s e , p r e s s t h e S E T k e y
1 A
1 D
3
2
1 B
1 C
1 G
4
3
C 1
2 E
M 1
5
4
2 .
2 D
2 G
6
5
2 A
2 C
2 B
7
6
3 E
3 G
8
7
M 2
3 C
3 B
9
8
4 .
4 D
4 E
1 0
9
4 A
4 C
4 G
1 1
1 0
C 2
P
4 B
1 2
1 1
5 E
5 .
1 3
1 2
5 B
5 C
5 G
1 4
1 3
T
6 E
6 .
1 5
1 4
6 A
6 D
6 G
S E G
C O M 1
1
3
4
P
5
6
M 1
D
E
.
G
B
C
A
2
1
M 2
C 1
C 2
T
P i n N o .
2
1
1 E
1 .
3 A
3 D
5 A
5 D
1 6
1 5
6 C
6 B
1 7
C O M 3
1 8
C O M 3


Similar Part No. - HT6750A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6751A HOLTEK-HT6751A Datasheet
81Kb / 5P
   Camera Motor Driver (1.5 Channel)
HT6751A HOLTEK-HT6751A_12 Datasheet
119Kb / 7P
   Camera Motor Driver (1.5 Channel)
HT6751B HOLTEK-HT6751B Datasheet
81Kb / 5P
   Camera Motor Driver (1.5 Channel)
HT6751B HOLTEK-HT6751B Datasheet
119Kb / 7P
   Camera Motor Driver (1.5 Channel)
More results

Similar Description - HT6750A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72220S EPCOS-B72220S Datasheet
174Kb / 1P
   Material Date Sheet
logo
Alcoa international inc...
99-5414 ALCOA-99-5414 Datasheet
153Kb / 2P
   NOSE ASSEMBLY DATE SHEET
logo
Omron Electronics LLC
A8A-223-1A OMRON-A8A-223-1A Datasheet
147Kb / 9P
   Omron Date Codes
SS-01GL-3 OMRON-SS-01GL-3 Datasheet
147Kb / 9P
   Omron Date Codes
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Freescale Semiconductor...
MC68HCP11E1CFNE3 FREESCALE-MC68HCP11E1CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family Date Sheet
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com