Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14046B Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14046B
Description  Phase Locked Loop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14046B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14046B Datasheet HTML 1Page - ON Semiconductor MC14046B Datasheet HTML 2Page - ON Semiconductor MC14046B Datasheet HTML 3Page - ON Semiconductor MC14046B Datasheet HTML 4Page - ON Semiconductor MC14046B Datasheet HTML 5Page - ON Semiconductor MC14046B Datasheet HTML 6Page - ON Semiconductor MC14046B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOTOROLA CMOS LOGIC DATA
MC14046B
4
Figure 1. Phase Comparators State Diagrams
PHASE COMPARATOR 1
Input Stage
PCAin
XX
PCBin
00
01
11
10
PC1out
01
PHASE COMPARATOR 2
Input Stage
PCAin
XX
PCBin
PC2out
01
3–State
Output Disconnected
LD
(Lock Detect)
00
1
Refer to Waveforms in Figure 3.
00
01
10
11
00
10
01
11
00
01
10
11
Characteristic
Using Phase Comparator 1
Using Phase Comparator 2
No signal on input PCAin.
VCO in PLL system adjusts to center
frequency (f0).
VCO in PLL system adjusts to minimum
frequency (fmin).
Phase angle between PCAin and PCBin.
90
° at center frequency (f0), approaching 0_
and 180
° at ends of lock range (2fL)
Always 0
_ in lock (positive rising edges).
Locks on harmonics of center frequency.
Yes
No
Signal input noise rejection.
High
Low
Lock frequency range (2fL).
The frequency range of the input signal on which the loop will stay locked if it was
initially in lock; 2fL = full VCO frequency range = fmax – fmin.
Capture frequency range (2fC).
The frequency range of the input signal on which the loop will lock if it was initially
out of lock.
Depends on low–pass filter characteristics
(see Figure 3). fC v fL
fC = fL
Center frequency (f0).
The frequency of VCOout, when VCOin = 1/2 VDD
VCO output frequency (f).
Note: These equations are intended to be
a design guide. Since calculated component
values may be in error by as much as a
factor of 4, laboratory experimentation may
be required for fixed designs. Part to part
frequency variation with identical passive
components is typically less than
± 20%.
Where: 10K
v R1 v 1 M
10K
v R2 v 1 M
100pF
v C1 v .01 µF
Figure 2. Design Information
+ fmin
fmin =(VCO input = VSS)
R2(C1 + 32 pF)
1
fmax =
R1(C1 + 32 pF)
1
(VCO input = VDD)


Similar Part No. - MC14046B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14046B ONSEMI-MC14046B Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
MC14046B ONSEMI-MC14046B Datasheet
138Kb / 8P
   Phase Locked Loop
August, 2014 ??Rev. 14
MC14046BCP ONSEMI-MC14046BCP Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
MC14046BCPG ONSEMI-MC14046BCPG Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
MC14046BDW ONSEMI-MC14046BDW Datasheet
117Kb / 8P
   Phase Locked Loop
August, 2005 ??Rev. 10
More results

Similar Description - MC14046B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com