Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD660CTT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRD660CTT4G
Description  SWITCHMODE Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRD660CTT4G Datasheet(HTML) 2 Page - ON Semiconductor

  MBRD660CTT4G Datasheet HTML 1Page - ON Semiconductor MBRD660CTT4G Datasheet HTML 2Page - ON Semiconductor MBRD660CTT4G Datasheet HTML 3Page - ON Semiconductor MBRD660CTT4G Datasheet HTML 4Page - ON Semiconductor MBRD660CTT4G Datasheet HTML 5Page - ON Semiconductor MBRD660CTT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRD620CT, MBRD630CT, MBRD640CT, MBRD650CT, MBRD660CT
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MBRD
Unit
Rating
Symbol
620CT
630CT
640CT
650CT
660CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
Average Rectified Forward Current
Per Diode
TC = 130°C (Rated VR)
Per Device
IF(AV)
3
6
A
Peak Repetitive Forward Current, TC = 130°C
(Rated VR, Square Wave, 20 kHz) Per Diode
IFRM
6
A
Nonrepetitive Peak Surge Current − (Surge applied at rated load
conditions halfwave, single phase, 60 Hz)
IFSM
75
A
Peak Repetitive Reverse Surge Current (2
ms, 1 kHz)
IRRM
1
A
Operating Junction Temperature
TJ
−65 to +150
°C
Storage Temperature
Tstg
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not
implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS PER DIODE
Maximum Thermal Resistance − Junction−to−Case
RqJC
6
°C/W
Maximum Thermal Resistance − Junction−to−Ambient (Note 1)
RqJA
80
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE
Maximum Instantaneous Forward Voltage (Note 2)
iF = 3 Amps, TC = 25°C
iF = 3 Amps, TC = 125°C
iF = 6 Amps, TC = 25°C
iF = 6 Amps, TC = 125°C
VF
0.7
0.65
0.9
0.85
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TC = 25°C)
(Rated dc Voltage, TC = 125°C)
iR
0.1
15
mA
1. Rating applies when surface mounted on the minimum pad size recommended.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBRD660CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD660CTT4G ONSEMI-MBRD660CTT4G Datasheet
112Kb / 6P
   SWITCHMODE Power Rectifiers
November, 2012 ??Rev. 10
MBRD660CTT4G ONSEMI-MBRD660CTT4G Datasheet
73Kb / 6P
   Switch-mode Power Rectifiers
November, 2016 ??Rev. 13
MBRD660CTT4G ONSEMI-MBRD660CTT4G Datasheet
207Kb / 7P
   Switch-mode Power Rectifiers DPAK-3 Surface Mount Package
August, 2020 - Rev. 15
More results

Similar Description - MBRD660CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com