Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP161J Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP161J
Description  Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161J Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP161J Datasheet HTML 1Page - Toshiba Semiconductor TLP161J Datasheet HTML 2Page - Toshiba Semiconductor TLP161J Datasheet HTML 3Page - Toshiba Semiconductor TLP161J Datasheet HTML 4Page - Toshiba Semiconductor TLP161J Datasheet HTML 5Page - Toshiba Semiconductor TLP161J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP161J
2002-09-25
5
Normalized IFT – Ta
Ambient temperature Ta (°C)
3
0.1
VT = 3 V
−40
−20
0
20
40
60
80
100
2
1.2
1
0.5
0.3
Normalized IH – Ta
Ambient temperature Ta (°C)
−40
−20
0
20
40
60
80
100
3
0.1
2
1.2
1
0.5
0.3
Normalized IIH – Ta
Ambient temperature Ta (°C)
IF = Rated IFT
VT = Rated VDRM
−40
−20
0
20
40
60
80
100
3
0.1
2
1.2
1
0.5
0.3
Normalized VIH – Ta
Ambient temperature Ta (°C)
IF = Rated IFT
−40
−20
0
20
40
60
80
100
3
0.1
2
1.2
1
0.5
0.3
Normalized VDRM – Ta
Ambient temperature Ta (°C)
−40
−20
0
20
40
60
80
100
1.4
0.2
1.2
1.0
0.8
0.6
0.4
Normalized IDRM – Ta
Ambient temperature Ta (°C)
VDRM = Rated
0
20
40
60
80
100
10
3
10
2
10
1
10
0


Similar Part No. - TLP161J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP161J TOSHIBA-TLP161J_14 Datasheet
423Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo-Triac
More results

Similar Description - TLP161J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
TLP561G TOSHIBA-TLP561G_07 Datasheet
174Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com