Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14067B Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14067B
Description  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14067B Datasheet(HTML) 5 Page - ON Semiconductor

  MC14067B Datasheet HTML 1Page - ON Semiconductor MC14067B Datasheet HTML 2Page - ON Semiconductor MC14067B Datasheet HTML 3Page - ON Semiconductor MC14067B Datasheet HTML 4Page - ON Semiconductor MC14067B Datasheet HTML 5Page - ON Semiconductor MC14067B Datasheet HTML 6Page - ON Semiconductor MC14067B Datasheet HTML 7Page - ON Semiconductor MC14067B Datasheet HTML 8Page - ON Semiconductor MC14067B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC14067B
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD – VSS
Vdc
Typ (5.)
Max
Unit
Propagation Delay Times
Channel Input–to–Channel Output (RL = 200 kΩ)
MC14067B
tPLH,tPHL
(Figure 3)
5.0
10
15
35
15
12
90
40
30
ns
Control Input–to–Channel Output
Channel Turn–On Time (RL = 10 kΩ)
MC14067B
tPZH, tPZL
(Figure 4)
5.0
10
15
240
115
75
600
290
190
ns
Channel Turn–Off Time (RL = 300 kΩ)
MC14067B
tPHZ,tPLZ
(Figure 4)
5.0
10
15
250
120
75
625
300
190
ns
Any Pair of Address Inputs to Output
MC14067B
tPLH, tPHL
5.0
10
15
280
115
85
700
290
215
ns
Second Harmonic Distortion
(RL = 10 kΩ, f = 1 kHz, Vin = 5 Vp–p)
10
0.3
%
ON Channel Bandwidth
[RL = 1 kΩ, Vin = 1/2 (VDD – VSS) p–p(sine–wave)]
20 Log10 (Vout/Vin) = – 3 dB
MC14067B
BW
(Figure 5)
10
15
MHz
Off Channel Feedthrough Attenuation
[RL = 1 kΩ, Vin = 1/2 (VDD–VSS) p–p(sine–wave)]
fin = 20 MHz – MC14067B
(Figure 5)
10
– 40
dB
Channel Separation
[RL = 1 kΩ, Vin = 1/2 (VDD–VSS) p–p (sine–wave)]
fin = 20 MHz
(Figure 6)
10
– 40
dB
Crosstalk, Control Inputs–to–Common O/I
(R1 = 1 k
Ω, RL = 10 kΩ,
Control tr = tf = 20 ns, Inhibit = VSS)
(Figure 7)
10
30
mV
5. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Similar Part No. - MC14067B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067B ONSEMI-MC14067B Datasheet
143Kb / 9P
   Analog Multiplexers / Demultiplexers
May, 2013 ??Rev. 8
MC14067BCP ONSEMI-MC14067BCP Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067BCPG ONSEMI-MC14067BCPG Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067BDW ONSEMI-MC14067BDW Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
More results

Similar Description - MC14067B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com