Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14067BCP Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14067BCP
Description  Analog Multiplexers/Demultiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14067BCP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14067BCP Datasheet HTML 2Page - ON Semiconductor MC14067BCP Datasheet HTML 3Page - ON Semiconductor MC14067BCP Datasheet HTML 4Page - ON Semiconductor MC14067BCP Datasheet HTML 5Page - ON Semiconductor MC14067BCP Datasheet HTML 6Page - ON Semiconductor MC14067BCP Datasheet HTML 7Page - ON Semiconductor MC14067BCP Datasheet HTML 8Page - ON Semiconductor MC14067BCP Datasheet HTML 9Page - ON Semiconductor MC14067BCP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14067B
http://onsemi.com
6
Figure 1.
∆V Across Switch
Figure 2. Off Channel Leakage
CONTROL
SECTION
OF IC
SOURCE
V
LOAD
ON SWITCH
CONTROL
SECTION
OF IC
OFF CHANNEL UNDER TEST
OTHER
CHANNEL(S)
VDD
VSS
VSS
VDD
VSS
VDD
A
Figure 3. Propagation Delay Test Circuit
and Waveforms Vin to Vout
Figure 4. Turn–On and Delay Turn–Off
Test Circuit and Waveforms
VDD
Vout
CL = 50 pF
RL
Vin
A
B
C
D
INH
Vin
Vout
20 ns
20 ns
VDD
VSS
50%
10%
tPLH
tPHL
90%
50%
PULSE
GENERATOR
VC
A
B
C
D
INH
RL
CL = 50 pF
Vout
Vin
VDD VSS VSS VDD
VX
20 ns
20 ns
90%
50%
10%
90%
10%
Vout
Vout
VC
50%
50%
tPZH, tPZL
tPHZ, tPLZ
Vin = VDD
VX = VSS
Vin = VSS
VX = VDD


Similar Part No. - MC14067BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067BCP ONSEMI-MC14067BCP Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC14067BCPG ONSEMI-MC14067BCPG Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
More results

Similar Description - MC14067BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com